Electronic Components Datasheet Search |
|
P80C54SFPN Datasheet(PDF) 2 Page - NXP Semiconductors |
|
P80C54SFPN Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 56 page Philips Semiconductors Product specification 8XC54/58 8XC51FA/FB/FC/80C51FA 8XC51RA+/RB+/RC+/RD+/80C51RA+ 80C51 8-bit microcontroller family 8K–64K/256–1K OTP/ROM/ROMless, low voltage (2.7V–5.5V), low power, high speed (33 MHz) 2 2000 Aug 07 853-2068 24292 DESCRIPTION Three different Single-Chip 8-Bit Microcontroller families are presented in this datasheet: • 8XC54/8XC58 • 80C51FA/8XC51FA/8XC51FB/8XC51FC • 80C51RA+/8XC51RA+/8XC51RB+/8XC51RC+/8XC51RD+ For applications requiring 4K ROM/EPROM, see the 8XC51/80C31 8-bit CMOS (low voltage, low power, and high speed) microcontroller families datasheet. All the families are Single-Chip 8-Bit Microcontrollers manufactured in advanced CMOS process and are derivatives of the 80C51 microcontroller family. All the devices have the same instruction set as the 80C51. These devices provide architectural enhancements that make them applicable in a variety of applications for general control systems. ROM/EPROM Memory Size (X by 8) RAM Size (X by 8) Programmable Timer Counter (PCA) Hardware Watch Dog Timer 80C31/8XC51 0K/4K 128 No No 8XC54/58 0K/8K/16K/32K 256 No No 80C51FA/8XC51FA/FB/FC 0K/8K/16K/32K 256 Yes No 80C51RA+/8XC51RA+/RB+/RC+ 0K/8K/16K/32K 512 Yes Yes 8XC51RD+ 64K 1024 Yes Yes The ROMless devices, 80C51FA, and 80C51RA+ can address up to 64K of external memory. All the devices have four 8-bit I/O ports, three 16-bit timer/event counters, a multi-source, four-priority-level, nested interrupt structure, an enhanced UART and on-chip oscillator and timing circuits. For systems that require extra memory capability up to 64k bytes, each can be expanded using standard TTL-compatible memories and logic. Its added features make it an even more powerful microcontroller for applications that require pulse width modulation, high-speed I/O and up/down counting capabilities such as motor control. It also has a more versatile serial channel that facilitates multiprocessor communications. FEATURES • 80C51 Central Processing Unit • Speed up to 33 MHz • Full static operation • Operating voltage range: 2.7 V to 5.5 V @ 16 MHz • Security bits: – ROM – 2 bits – OTP–EPROM – 3 bits • Encryption array – 64 bytes • RAM expandable to 64K bytes • 4 level priority interrupt • 6 or7 interrupt sources, depending on device • Four 8-bit I/O ports • Full-duplex enhanced UART – Framing error detection – Automatic address recognition • Power control modes – Clock can be stopped and resumed – Idle mode – Power down mode • Programmable clock out • Second DPTR register • Asynchronous port reset • Low EMI (inhibit ALE) |
Similar Part No. - P80C54SFPN |
|
Similar Description - P80C54SFPN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |