Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7P803611B Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K7P803611B
Description  256Kx36 & 512Kx18 Synchronous Pipelined SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7P803611B Datasheet(HTML) 2 Page - Samsung semiconductor

  K7P803611B Datasheet HTML 1Page - Samsung semiconductor K7P803611B Datasheet HTML 2Page - Samsung semiconductor K7P803611B Datasheet HTML 3Page - Samsung semiconductor K7P803611B Datasheet HTML 4Page - Samsung semiconductor K7P803611B Datasheet HTML 5Page - Samsung semiconductor K7P803611B Datasheet HTML 6Page - Samsung semiconductor K7P803611B Datasheet HTML 7Page - Samsung semiconductor K7P803611B Datasheet HTML 8Page - Samsung semiconductor K7P803611B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Preliminary
Rev 4.0
K7P801811B
256Kx36 & 512Kx18 SRAM
K7P803611B
Aug. 2002
- 2 -
PIN DESCRIPTION
Pin Name
Pin Description
Pin Name
Pin Description
K, K
Differential Clocks
ZZ
Asynchronous Power Down
SAn
Synchronous Address Input
ZQ
Output Driver Impedance Control
DQn
Bi-directional Data Bus
TCK
JTAG Test Clock
SS
Synchronous Select
TMS
JTAG Test Mode Select
SW
Synchronous Global Write Enable
TDI
JTAG Test Data Input
SWa
Synchronous Byte a Write Enable
TDO
JTAG Test Data Output
SWb
Synchronous Byte b Write Enable
VREF
HSTL Input Reference Voltage
SWc
Synchronous Byte c Write Enable
VDD
Power Supply
SWd
Synchronous Byte d Write Enable
VDDQ
Output Power Supply
M1, M2
Read Protocol Mode Pins (M1=VSS, M2=VDDQ)
VSS
GND
G
Asynchronous Output Enable
NC
No Connection
256Kx36 & 512Kx18 Synchronous Pipelined SRAM
FEATURES
FUNCTIONAL BLOCK DIAGRAM
18 or 19
K,K
SS
G
Memory Array
256Kx36
Data Out
Data In
S/A Array
MUX0
W/D
Array
36 or 18
36 or 18
36 or 18
36 or 18
2:1
MUX
Dec.
SA[0:17]
Address
Register
Read
SW
ZZ
Internal
Clock
Generator
Write
Address
Register
Data Out
Register
Clock
Buffer
Control
Register
DQ
36 or 18
36 or 18
36 or 18
36 or 18
XDIN
Data In
Register
(2 stage)
18 or 19
Control
Logic
E
WAY
OE
36 or 18
or [0:18]
512Kx18
Organization
Part Number
Maximum
Frequency
Access
Time
256Kx36
K7P803611B-HC33
333MHz
1.5
K7P803611B-HC30
300MHz
1.6
K7P803611B-HC27
250MHz
1.85
K7P803611B-HC25
250MHz
2.0
512Kx18
K7P801811B-HC33
333MHz
1.5
K7P801811B-HC30
300MHz
1.6
K7P801811B-HC27
300MHz
1.85
K7P801811B-HC25
250MHz
2.0
• 256Kx36 or 512Kx18 Organizations.
• 3.3V VDD/1.5V VDDQ (2.0V max VDDQ).
• HSTL Input and Output Levels.
• Differential, HSTL Clock Inputs K, K.
• Synchronous Read and Write Operation
• Registered Input and Registered Output
• Internal Pipeline Latches to Support Late Write.
• Byte Write Capability(four byte write selects, one for each 9bits)
• Synchronous or Asynchronous Output Enable.
• Power Down Mode via ZZ Signal.
• Programmable Impedance Output Drivers.
• JTAG Boundary Scan (subset of IEEE std. 1149.1).
• 119(7x17)Pin Ball Grid Array Package(14mmx22mm).


Similar Part No. - K7P803611B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P803611M SAMSUNG-K7P803611M Datasheet
221Kb / 13P
   256Kx36 & 512Kx18 SRAM
K7P803611M-H20 SAMSUNG-K7P803611M-H20 Datasheet
221Kb / 13P
   256Kx36 & 512Kx18 SRAM
K7P803611M-H21 SAMSUNG-K7P803611M-H21 Datasheet
221Kb / 13P
   256Kx36 & 512Kx18 SRAM
K7P803611M-H25 SAMSUNG-K7P803611M-H25 Datasheet
221Kb / 13P
   256Kx36 & 512Kx18 SRAM
More results

Similar Description - K7P803611B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7P803666B SAMSUNG-K7P803666B Datasheet
216Kb / 13P
   256Kx36 AND 512Kx18 Synchronous Pipelined SRAM
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803600M SAMSUNG-K7A803600M Datasheet
542Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
KM718V987 SAMSUNG-KM718V987 Datasheet
574Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
DS_K7A803600B SAMSUNG-DS_K7A803600B Datasheet
401Kb / 18P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B801825M SAMSUNG-K7B801825M Datasheet
582Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803601M SAMSUNG-K7A803601M Datasheet
466Kb / 17P
   256Kx36 & 512Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com