Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47N237 Datasheet(PDF) 11 Page - SMSC Corporation

Part # LPC47N237
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button LPC47N237 Datasheet HTML 7Page - SMSC Corporation LPC47N237 Datasheet HTML 8Page - SMSC Corporation LPC47N237 Datasheet HTML 9Page - SMSC Corporation LPC47N237 Datasheet HTML 10Page - SMSC Corporation LPC47N237 Datasheet HTML 11Page - SMSC Corporation LPC47N237 Datasheet HTML 12Page - SMSC Corporation LPC47N237 Datasheet HTML 13Page - SMSC Corporation LPC47N237 Datasheet HTML 14Page - SMSC Corporation LPC47N237 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 11
Revision 0.3 (10-26-04)
DATASHEET
Chapter 2 Pin Configuration
Table 2.1 shows the pin configuration of LPC47N237. This pin configuration is subject to change.
Table 2.1 – LPC47N237 Pin Configuration
PIN
#
NAME
PIN
#
NAME
PIN
#
NAME
PIN
#
NAME
1
VTR
26
nPCI_RESET
51
GP13
76
VSS
2
SDAT_1
27
nLPCPD
52
GP14
77
SLCT
3
SDAT
28
nCLKRUN
53
VCC
78
PE
4
SDAT_2
29
PCI_CLK
54
GP15
79
BUSY
5
SMB_A0
30
SER_IRQ
55
GP16
80
nACK
6
nSMBINT
31
VSS
56
VSS
81
nERROR
7
VSS
32
VTR
57
GP20
82
nALF
8
SCLK_1
33
GP31
58
GP21
83
nSTROBE
9
SCLK
34
GP32
59
GP22
84
RXD
10
SCLK_2
35
GP33
60
VSS
85
TXD
11
GP30
36
GP34
61
XTAL1
86
nDSR
12
GP37
37
GP35
62
XTAL2
87
nRTS
13
VCC
38
GP36
63
VTR
88
nCTS
14
GP23
39
VSS
64
24MHz_OUT
89
nDTR
15
GP10
40
GP24
65
VCC
90
nRI
16
GP17
41
GP25
66
nINIT
91
nDCD
17
nIO_PME
42
GP26
67
nSLCTIN
92
GP50
18
VTR
43
GP27
68
PD0
93
VCC
19
VSS
44
LGP44
69
PD1
94
GP51
20
LAD0
45
LGP45
70
PD2
95
GP52
21
LAD1
46
LGP46
71
PD3
96
GP53
22
LAD2
47
LGP47/ SYSOPT
72
PD4
97
GP54
23
LAD3
48
VCC
73
PD5
98
GP55
24
nLFRAME
49
GP11
74
PD6
99
GP56
25
nLDRQ
50
GP12
75
PD7
100
GP57


Similar Part No. - LPC47N237

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N237 SMSC-LPC47N237 Datasheet
100Kb / 5P
   3.3v I/O Controller for Port Replicators and Docking Stations
LPC47N237-MT SMSC-LPC47N237-MT Datasheet
100Kb / 5P
   3.3v I/O Controller for Port Replicators and Docking Stations
LPC47N237 SMSC-LPC47N237_07 Datasheet
100Kb / 5P
   3.3v I/O Controller for Port Replicators and Docking Stations
More results

Similar Description - LPC47N237

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N237 SMSC-LPC47N237_07 Datasheet
100Kb / 5P
   3.3v I/O Controller for Port Replicators and Docking Stations
logo
STMicroelectronics
STUSB1600 STMICROELECTRONICS-STUSB1600 Datasheet
1Mb / 69P
   Power hubs and docking stations
November 2016 Rev 1
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
1Mb / 55P
   Power hubs and docking stations
April 2017 Rev 2
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
logo
SMSC Corporation
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
Holtek Semiconductor In...
HT1670 HOLTEK-HT1670 Datasheet
174Kb / 19P
   128x32 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com