Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6600IS8-2.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6600IS8-2.5
Description  Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600IS8-2.5 Datasheet(HTML) 3 Page - Linear Technology

  LT6600IS8-2.5 Datasheet HTML 1Page - Linear Technology LT6600IS8-2.5 Datasheet HTML 2Page - Linear Technology LT6600IS8-2.5 Datasheet HTML 3Page - Linear Technology LT6600IS8-2.5 Datasheet HTML 4Page - Linear Technology LT6600IS8-2.5 Datasheet HTML 5Page - Linear Technology LT6600IS8-2.5 Datasheet HTML 6Page - Linear Technology LT6600IS8-2.5 Datasheet HTML 7Page - Linear Technology LT6600IS8-2.5 Datasheet HTML 8Page - Linear Technology LT6600IS8-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT6600-2.5
3
660025i
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This is the temperature coefficient of the internal feedback
resistors assuming a temperature independent external resistor (RIN).
Note 3: The input common mode voltage is the average of the voltages
applied to the external resistors (RIN). Specification guaranteed for
RIN ≥ 402Ω.
Note 4: Distortion is measured differentially using a single-ended
stimulus. The input common mode voltage, the voltage at Pin 2, and the
voltage at Pin 7 are equal to one half of the total power supply voltage.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Referred Differential Offset
RIN = 1580Ω
VS = 3V
q
525
mV
VS = 5V
q
530
mV
VS = ±5V
q
535
mV
RIN = 402Ω
VS = 3V
q
313
mV
VS = 5V
q
316
mV
VS = ±5V
q
320
mV
Differential Offset Drift
10
µV/°C
Input Common Mode Voltage (Note 3)
Differential Input = 500mVP-P,VS = 3V
q
0.0
1.5
V
RIN = 402Ω
VS = 5V
q
0.0
3.0
V
VS = ±5V
q
–2.5
1.0
V
Output Common Mode Voltage (Note 5)
Differential Input = 2VP-P,VS = 3V
q
1.0
1.5
V
Pin 7 at Mid-Supply
VS = 5V
q
1.5
3.0
V
VS = ±5V
q
–1.0
2.0
V
Output Common Mode Offset
VS = 3V
q
–25
10
45
mV
(with Respect to Pin 2)
VS = 5V
q
–30
5
45
mV
VS = ±5V
q
–55
–10
35
mV
Common Mode Rejection Ratio
63
dB
Voltage at VMID (Pin 7)
VS = 5V
q
2.46
2.51
2.55
V
VS = 3V
1.5
V
VMID Input Resistance
q
4.3
5.7
7.7
k
VOCM Bias Current
VOCM = VMID= VS/2
VS = 5V
q
–15
–3
µA
VS = 3V
q
–10
–3
µA
Power Supply Current
VS = 3V, VS = 5V
26
30
mA
VS = 3V, VS = 5V
q
33
mA
VS = ±5V
q
28
36
mA
ELECTRICAL CHARACTERISTICS
Note 5: Output common mode voltage is the average of the voltages at
Pins 4 and 5. The output common mode voltage is equal to the voltage
applied to Pin 2.
Note 6: Both the LT6600CS8-2.5 and LT6600IS8-2.5 are guaranteed
functional over the operating temperature range of –40
°C to 85°C.
Note 7: The LT6600CS8-2.5 is guaranteed to meet specified performance
from 0
°C to 70°C and is designed, characterized and expected to meet
specified performance from –40
°C and 85°C, but is not tested or QA
sampled at these temperatures. The LT6600IS8-2.5 is guaranteed to meet
specified performance from –40
°C to 85°C.
The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V= 0V), RIN = 1580Ω, and RLOAD = 1k.


Similar Part No. - LT6600IS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600IS8-2.5 LINER-LT6600IS8-2.5 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600IS8-2.5-PBF LINER-LT6600IS8-2.5-PBF Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600IS8-2.5-TR LINER-LT6600IS8-2.5-TR Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600IS8-2.5-TRPBF LINER-LT6600IS8-2.5-TRPBF Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
More results

Similar Description - LT6600IS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-2.5 LINER-LT6604-2.5_15 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15_15 Datasheet
164Kb / 12P
   Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20 Datasheet
218Kb / 12P
   Very Low Noise, Differential Amplifier and 20MHz Lowpass Filter
LT6600CS8-10 LINER-LT6600CS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6604-10 LINER-LT6604-10_15 Datasheet
208Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6604-15 LINER-LT6604-15_15 Datasheet
213Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6604-5 LINER-LT6604-5_15 Datasheet
193Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com