Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M440T513Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # M440T513Y
Description  5.0V, 16 Mbit (512 Kbit x 32) TIMEKEEPER-R SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T513Y Datasheet(HTML) 5 Page - STMicroelectronics

  M440T513Y Datasheet HTML 1Page - STMicroelectronics M440T513Y Datasheet HTML 2Page - STMicroelectronics M440T513Y Datasheet HTML 3Page - STMicroelectronics M440T513Y Datasheet HTML 4Page - STMicroelectronics M440T513Y Datasheet HTML 5Page - STMicroelectronics M440T513Y Datasheet HTML 6Page - STMicroelectronics M440T513Y Datasheet HTML 7Page - STMicroelectronics M440T513Y Datasheet HTML 8Page - STMicroelectronics M440T513Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
M440T513Y
Figure 3. PBGA Connections (Top View)
Note: This diagram is TOP VIEW perspective (view through package).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
A15
A17
A13
A18
A16
A14
A12
A7
A6
A5
DQ7
DQ6
DQ5
NC
DQ4
DQ0
DQ1
DQ2
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
DQ31
DQ30
DQ29
DQ28
DQ27
DQ24
DQ25
DQ26
DQ16
DQ17
DQ18
DQ23
RSV1
DQ22
DQ21
DQ20
DQ19
M440T513Y
AI07010
W1
W3
E3


Similar Part No. - M440T513Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M440T1MV STMICROELECTRONICS-M440T1MV Datasheet
454Kb / 26P
   3.3V, 32 Mbit (1024 Kbit x 32) TIMEKEEPER SRAM
M440T1MV-15ZA9 STMICROELECTRONICS-M440T1MV-15ZA9 Datasheet
454Kb / 26P
   3.3V, 32 Mbit (1024 Kbit x 32) TIMEKEEPER SRAM
More results

Similar Description - M440T513Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M440T1MV STMICROELECTRONICS-M440T1MV Datasheet
454Kb / 26P
   3.3V, 32 Mbit (1024 Kbit x 32) TIMEKEEPER SRAM
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
logo
DLG Hanbit co.,Ltd.
HMNR2M8D DLGHANBIT-HMNR2M8D Datasheet
764Kb / 9P
   5.0V, 2 Mbit (2,048 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
   5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
   5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
   5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
logo
Hanbit Electronics Co.,...
HMNR5128D HANBIT-HMNR5128D Datasheet
274Kb / 13P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com