Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM111E-SMD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM111E-SMD
Description  VOLTAGE COMPARATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM111E-SMD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM111E-SMD Datasheet HTML 1Page - National Semiconductor (TI) LM111E-SMD Datasheet HTML 2Page - National Semiconductor (TI) LM111E-SMD Datasheet HTML 3Page - National Semiconductor (TI) LM111E-SMD Datasheet HTML 4Page - National Semiconductor (TI) LM111E-SMD Datasheet HTML 5Page - National Semiconductor (TI) LM111E-SMD Datasheet HTML 6Page - National Semiconductor (TI) LM111E-SMD Datasheet HTML 7Page - National Semiconductor (TI) LM111E-SMD Datasheet HTML 8Page - National Semiconductor (TI) LM111E-SMD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MICROCIRCUIT DATA SHEET
MDLM111-X REV 0B0
(Absolute Maximum Ratings)
(Note 1)
Positive Supply Voltage
+30.0V
Negative Supply Voltage
-30.0V
Total Supply Voltage
36V
Output to Negative Supply Voltage
50V
GND to Negative Supply Voltage
30V
Differential Input Voltage
+30V
Sink Current
50mA
Input Voltage
(Note 2)
+15V
Power Dissipation
(Note 3)
500mW
Output Short Circuit Duration
10 sec.
Maximum Strobe Current
10mA
Operating Temperature Range
-55 C < Ta < 125 C
Thermal Resistance
ThetaJA
134 C/W
8 Ld DIP
(Still Air @ 0.5W)
76 C/W
(500LF/Min Air flow @ 0.5W)
162 C/W
8 Ld Metal Can Pkg
(Still Air @ 0.5W)
92 C/W
(500LF/Min Air flow @ 0.5W)
231 C/W
10 CERAMIC SOIC
(Still Air @ 0.5W)
153 C/W
(500LF/Min Air flow @ 0.5W)
90 C/W
20 Ld LCC
(Still Air @ 0.5W)
65 C/W
(500LF/Min Air flow @ 0.5W)
ThetaJC
21 C/W
8 Ld DIP
50 C/W
8 Ld Metal Can Pkg
24 C/W
10 CERAMIC SOIC
21 C/W
20 Ld LCC
Storage Temperature Range
-65 C < Ta < 150 C
Maximum Junction Temperature
175 C
Lead Temperature
300 C
(Soldering, 60 seconds)
Voltage at Strobe Pin
V+ -5V
Package Weight
(Typical)
965mg
8 Ld Metal Can
1100mg
8 Ld Dip
220mg
10 Ld CERAMIC SOIC
TBD
20 Ld LCC
ESD Rating
(Note 4)
3


Similar Part No. - LM111E-SMD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM111E-SMD NSC-LM111E-SMD Datasheet
1,006Kb / 34P
   Voltage Comparator
More results

Similar Description - LM111E-SMD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com