Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP03316 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XP03316
Description  Silicon NPN epitaxial planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP03316 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XP03316 Datasheet HTML 1Page - Panasonic Semiconductor XP03316 Datasheet HTML 2Page - Panasonic Semiconductor XP03316 Datasheet HTML 3Page - Panasonic Semiconductor XP03316 Datasheet HTML 4Page - Panasonic Semiconductor XP03316 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XP03316
2
SJJ00281AED
• Tr2
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
■ Electrical Characteristics T
a = 25°C ± 3°C
• Tr1
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Common characteristics chart
PT  Ta
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC
= 2 mA, I
B
= 050
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 50 V, IE = 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 50 V, IB = 0
0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 6 V, I
C
= 0
0.01
mA
Forward current transfer ratio
hFE
VCE = 10 V, IC = 5 mA
160
460
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 0.3 mA
0.25
V
Output voltage high-level
VOH
VCC
= 5 V, V
B
= 0.5 V, R
L
= 1 kΩ
4.9
V
Output voltage low-level
VOL
VCC = 5 V, VB = 2.5 V, RL = 1 kΩ
0.2
V
Input resistance
R1
−30%
4.7
+30%
k
Transition frequency
fT
VCB
= 10 V, I
E
= −2 mA, f = 200 MHz
150
MHz
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC
= −2 mA, I
B
= 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −50 V, IE = 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
− 0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = −6 V, IC = 0
− 0.01
mA
Forward current transfer ratio
hFE
VCE
= −10 V, I
C
= −5 mA
160
460
Collector-emitter saturation voltage
VCE(sat)
IC = −10 mA, IB = − 0.3 mA
− 0.25
V
Output voltage high-level
VOH
VCC = −5 V, VB = − 0.5 V, RL = 1 kΩ−4.9
V
Output voltage low-level
VOL
VCC
= −5 V, V
B
= −2.5 V, R
L
= 1 kΩ− 0.2
V
Input resistance
R1
−30%
4.7
+30%
k
Transition frequency
fT
VCB = −10 V, IE = 1 mA, f = 200 MHz
80
MHz
0
160
40
120
80
0
250
100
200
50
150
Ambient temperature
T
a (°C)


Similar Part No. - XP03316

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP03311 PANASONIC-XP03311 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP03312 PANASONIC-XP03312 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP03312 PANASONIC-XP03312 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
XP03312 PANASONIC-XP03312_13 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
More results

Similar Description - XP03316

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com