Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60001 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ZL60001
Description  High speed 2.5 Gbps 850 nm VCSEL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60001 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL60001 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60001 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60001 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60001 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60001 Datasheet HTML 5Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZL60001
Data Sheet
3
Zarlink Semiconductor Inc.
Figure 2 - Threshold Current over Temperature
Figure 3 - Optical Power vs Forward Current
0%
20%
40%
60%
80%
100%
120%
140%
-40
-20
0
20
40
60
80
100
Temperature (C)
16
0%
20%
40%
60%
80%
100%
120%
0
2
4
6
8
10
12
14
Forward Current (mA)


Similar Part No. - ZL60001

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60003 ZARLINK-ZL60003 Datasheet
376Kb / 4P
   RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
ZL60003TBD ZARLINK-ZL60003TBD Datasheet
376Kb / 4P
   RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
ZL60005 ZARLINK-ZL60005 Datasheet
250Kb / 5P
   VCSEL Laser Diode
ZL60005TBD ZARLINK-ZL60005TBD Datasheet
250Kb / 5P
   VCSEL Laser Diode
ZL60005TDD ZARLINK-ZL60005TDD Datasheet
250Kb / 5P
   VCSEL Laser Diode
More results

Similar Description - ZL60001

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-SXX-00-S20-CX JDSU-PL-SXX-00-S20-CX Datasheet
209Kb / 5P
   850 nm 2.5 G VCSEL TOSA
PL-VD0-00-S20-C0 JDSU-PL-VD0-00-S20-C0 Datasheet
169Kb / 3P
   850 nm 2.5 G VCSEL Die
logo
Unity Opto Technology
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
   850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
   850 nm VCSEL
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
   850 nm VCSEL
logo
List of Unclassifed Man...
MG2C-8012 ETC-MG2C-8012 Datasheet
193Kb / 2P
   2.5 Gbps 850 nm PIN-TIA
logo
OPLINK Communications I...
DTR-1250-MM-SA OPLINK-DTR-1250-MM-SA Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
logo
JDS Uniphase Corporatio...
PL-VD0-00-SG0-C0 JDSU-PL-VD0-00-SG0-C0 Datasheet
152Kb / 3P
   850 nm 4.25 G VCSEL Die
logo
Optoway Technology Inc
SPM-9100G OPTOWAY-SPM-9100G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 2.5 Gbps SFP LC MULTI-MODE TRANSCEIVER
logo
JDS Uniphase Corporatio...
PL-SLX-00-SG0-CX JDSU-PL-SLX-00-SG0-CX Datasheet
244Kb / 6P
   850 nm 4.25 G VCSEL LC TOSA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com