Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7779C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7779C
Description  32 Amp Programmable Integrated Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7779C Datasheet(HTML) 1 Page - Texas Instruments

  PT7779C Datasheet HTML 1Page - Texas Instruments PT7779C Datasheet HTML 2Page - Texas Instruments PT7779C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT7779
4 321
26
20-25
12
5
13-19
27
7-11
L
O
A
D
C
OUT
+
C
IN
+
PROGRAMMING PINS
V
IN
V
OUT
SYNC OUT
GND
REMOTE SENSE(+)
REMOTE SENSE(–)
STBY*
VID0
VID1
VID2
VID3
L1
1µH
GND
VID4
6
Standard Application
Cin = Required 2400µF electrolytic
Cout = Required 330µF electrolytic
L1
= Optional 1µH input choke
Description
The PT7779 is a high-output 32A
Integrated Switching Regulator (ISR),
housed in a 27-pin SIP package. The
PT7779 is the next generation of the
industry benchmark PT7771. The
PT7779 includes short circuit pro-
tection and requires only 330µF of
output capacitance for proper oper-
ation.
The 32A output capability allows
the easy integration of the latest
high-speed, µPs, ASICs, DSPs into
existing 5V systems. For additional
current, the PT7779 is designed to
operate with up to two PT7741
32A compatible current boosters.
The output voltage is programmable
from 1.3V to 3.5V using a 5-bit input,
that is compatible with Intel’s Pentium®
II Processors. A differential remote
sense compensates for any voltage
drop between the ISR and load.
For STBY* pin; open = output enabled;
ground = output disabled.
Pin-Out Information
Pin
Function
1 VID0
2 VID1
3 VID2
4 VID3
5 STBY*- Stand-by
6 VID4
7 Vin
8 Vin
9 Vin
10 Vin
11 Vin
12 Remote Sense Gnd (3)
13 GND
14 GND
Pin
Function
15 GND
16 GND
17 GND
18 GND
19 GND
20 Vout
21 Vout
22 Vout
23 Vout
24 Vout
25 Vout
26 Remote Sense Vout
27 Sync Out
SLTS116
(Revised 8/31/2000)
PT7779—5V
32 Amp Programmable Integrated
Switching Regulator
Specifications
Characteristics
PT7779
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +60°C, 200 LFM, pkg N
0.1 (1)
—31
A
Ta = +25°C, natural convection
0.1 (1)
—32
Input Voltage Range
Vin
0.1A
≤ Io ≤ 32A
4.5
5.5
V
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 32A
Vo-0.03
Vo+0.03
V
–40°C
≤ Ta ≤ +85°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io = 32A
±10
mV
Load Regulation
Regload
Vin = +5V, 0.1 ≤ Io ≤ 32A
±10
mV
Vo Ripple/Noise pk-pk
Vn
Vin = +5V, Io = 32A
50
mV
Transient Response
ttr
Io step between 16A and 32A
100
µSec
with Cout = 330µF
Vos
Vo over/undershoot
200
mV
Efficiency
η
Vin = +5V, Io = 20A, Vo = 3.3V
90
%
Switching Frequency
ƒo
4.5V
≤ Vin ≤ 5.5V
300
350
400
kHz
0.1A
≤ Io ≤ 32A
Absolute Maximum
Ta
Over Vin Range
–40
+85 (2)
°C
Operating Temperature Range
Storage Temperature
Ts
-40
+125
°C
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
10/15
G’s
20-20,000Hz, Soldered in a PC board
Weight
Vertical/Horizontal
53/66
grams
Notes:
(1) ISR-will operate down to no load with reduced specifications.
(2) Consult the Safe Operating Area curves, or contact the factory for the appropriate derating.
(3) If the remote sense ground is not used, pin 12 must be connected to pin13 for optimum output voltage accuracy.
External Capacitors: The PT7779 requires a minimum output capacitance of 330µF for proper operation. The PT7779 also requires an input capacitance of 2400µF,
which must be rated for a minimum of 2.0Arms of ripple current. For transient or dynamic load applications, additional capacitance may be required. For further infor-
mation, see the accompanying application note on capacitor selection for this product.
Input Filter: An input filter inductor is optional for most applications. The input inductor must be sized to handle 32ADC with a typical value of 1µH.


Similar Part No. - PT7779C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7770 TI-PT7770 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7771 TI-PT7771 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7771C TI-PT7771C Datasheet
403Kb / 4P
[Old version datasheet]   The PT7771 is a high-output Integrated grated Switching Regulator (ISR)
PT7771N TI-PT7771N Datasheet
403Kb / 4P
[Old version datasheet]   The PT7771 is a high-output Integrated grated Switching Regulator (ISR)
PT7771N1 TI-PT7771N1 Datasheet
403Kb / 4P
[Old version datasheet]   The PT7771 is a high-output Integrated grated Switching Regulator (ISR)
More results

Similar Description - PT7779C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7778 TI-PT7778 Datasheet
156Kb / 3P
[Old version datasheet]   32 Amp Programmable Integrated Switching Regulator
PT6700 TI-PT6700 Datasheet
118Kb / 3P
[Old version datasheet]   13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7600 TI-PT7600 Datasheet
176Kb / 3P
[Old version datasheet]   10 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7705 TI-PT7705 Datasheet
200Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com