Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4134 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # Q67040-S4134
Description  SIPMOS-R POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4134 Datasheet(HTML) 5 Page - Infineon Technologies AG

  Q67040-S4134 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4134 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4134 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4134 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4134 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4134 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4134 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4134 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPD 08N05L
Data Sheet
5
06.99
Power Dissipation
Ptot = f (TC)
0
20
40
60
80
100 120 140 160 ˚C 190
TC
0
2
4
6
8
10
12
14
16
18
20
22
W
26
SPD08N05L
Drain current
ID = f (TC)
parameter:
VGS ≥ 10 V
0
20
40
60
80
100 120 140 160 ˚C 190
TC
0
1
2
3
4
5
6
7
8
A
10
SPD08N05L
Transient thermal impedance
ZthJC = f (tp)
parameter :
D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
SPD08N05L
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50
Safe operating area
ID = f (VDS)
parameter :
D = 0 , TC = 25 ˚C
10
-1
10
0
10
1
10
2
V
VDS
-1
10
0
10
1
10
2
10
A
SPD08N05L
DC
10 ms
1 ms
100 µs
10 µs
t
p
= 2.7µs


Similar Part No. - Q67040-S4134

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4130-A2 INFINEON-Q67040-S4130-A2 Datasheet
146Kb / 8P
   SIPMOS PowerTransistor
06.99
logo
Siemens Semiconductor G...
Q67040-S4131-A2 SIEMENS-Q67040-S4131-A2 Datasheet
145Kb / 8P
   SIPMOS Power Transistor
Q67040-S4131-A2 SIEMENS-Q67040-S4131-A2 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
Q67040-S4136 INFINEON-Q67040-S4136 Datasheet
146Kb / 8P
   SIPMOS PowerTransistor
06.99
logo
Siemens Semiconductor G...
Q67040-S4137-A2 SIEMENS-Q67040-S4137-A2 Datasheet
145Kb / 8P
   SIPMOS Power Transistor
More results

Similar Description - Q67040-S4134

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO220N INFINEON-BSO220N Datasheet
374Kb / 8P
   SIPMOS-R Small-Signal-Transistor
05.99
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com