Electronic Components Datasheet Search
Selected language     English  ▼


SN74ALS873BDW Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN74ALS873BDW
Description  DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 3 page
background image
SN54ALS873B, SN54AS873A, SN74ALS873B, SN74AS873A
DUAL 4-BIT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDAS036D – APRIL 1982 – REVISED AUGUST 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS873B
SN74ALS873B
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
–1.2
–1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
VCC =4 5V
IOH = – 1 mA
2.4
3.3
V
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.2
– 0.2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
Outputs high
11
21
11
21
ICC
VCC = 5.5 V
Outputs low
16
29
16
29
mA
Outputs disabled
20
31
20
31
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ALS873B
SN74ALS873B
UNIT
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
CLR low
15
15
ns
tw
Pulse duration
LE high
10
10
ns
tsu
Setup time, data before LE
10
10
ns
th
Hold time, data after LE
7
7
ns




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54ALS873BDUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74AS873Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs 1 2 3 4 5 Fairchild Semiconductor
SN54ALS878ADUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74ALS874BDual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54ABT16373A16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHC1637316-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
HD74LVC533Octal D-type Transparent Latches with 3-state Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN54LV373AOCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH5733.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT373OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl