Electronic Components Datasheet Search
Selected language     English  ā–¼


SN74ALS873BDW Datasheet(PDF) 8 Page - Texas Instruments

Part No. SN74ALS873BDW
Description  DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
84032013A
ACTIVE
LCCC
FK
28
1
None
Call TI
Level-NC-NC-NC
8403201KA
OBSOLETE
CFP
W
24
None
Call TI
Call TI
8403201LA
ACTIVE
CDIP
JT
24
1
None
Call TI
Level-NC-NC-NC
SN54ALS873BJT
ACTIVE
CDIP
JT
24
1
None
Call TI
Level-NC-NC-NC
SN74ALS873BDW
ACTIVE
SOIC
DW
24
25
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
SN74ALS873BDWR
ACTIVE
SOIC
DW
24
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
SN74ALS873BNT
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74ALS873BNT3
OBSOLETE
PDIP
NT
24
None
Call TI
Call TI
SN74AS873ADW
OBSOLETE
SOIC
DW
24
None
Call TI
Call TI
SN74AS873ADWR
OBSOLETE
SOIC
DW
24
None
Call TI
Call TI
SN74AS873ANT
OBSOLETE
PDIP
NT
24
None
Call TI
Call TI
SNJ54ALS873BFK
ACTIVE
LCCC
FK
28
1
None
Call TI
Level-NC-NC-NC
SNJ54ALS873BJT
ACTIVE
CDIP
JT
24
1
None
Call TI
Level-NC-NC-NC
SNJ54AS873AFK
OBSOLETE
LCCC
FK
28
None
Call TI
Call TI
SNJ54AS873AJT
OBSOLETE
CDIP
JT
24
None
Call TI
Call TI
SNJ54AS873AW
OBSOLETE
CFP
W
24
None
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54ALS873BDUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74AS873Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs 1 2 3 4 5 Fairchild Semiconductor
SN54ALS878ADUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74ALS874BDual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54ABT16373A16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHC1637316-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
HD74LVC533Octal D-type Transparent Latches with 3-state Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN54LV373AOCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH5733.3-V ABT OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT373OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl