Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51117 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51117
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51117 Datasheet HTML 5Page - Texas Instruments TPS51117 Datasheet HTML 6Page - Texas Instruments TPS51117 Datasheet HTML 7Page - Texas Instruments TPS51117 Datasheet HTML 8Page - Texas Instruments TPS51117 Datasheet HTML 9Page - Texas Instruments TPS51117 Datasheet HTML 10Page - Texas Instruments TPS51117 Datasheet HTML 11Page - Texas Instruments TPS51117 Datasheet HTML 12Page - Texas Instruments TPS51117 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
HIGH-SIDE DRIVER
SOFTSTART
POWERGOOD
OUTPUT DISCHARGE CONTROL (SOFTSTOP)
OVERCURRENT LIMIT
V
TRIP
(mV) * RTRIP(kq)
10 (mA)
(4)
Iocp
V
TRIP
R
DS(on) *
I
ripple
2
V
TRIP
R
DS(on)
*
1
2
L
ƒ
V
IN [
V
OUT
V
OUT
V
IN
(5)
TPS51117
SLVS631 – DECEMBER 2005
DETAILED DESCRIPTION (continued)
The high-side driver is designed to drive high-current, low RDS(on) N-channel MOSFET(s). When configured as a
floating driver, 5-V bias voltage is delivered from V5DRV supply. An internal PN diode is connected between
V5DRV to this pin. The designer can add an external schottky diode if forward drop is critical to drive the
high-side NFET or to achieve the last one percent efficiency improvement. The average drive current is also
estimated by the gate charge at Vgs = 5 V times the switching frequency. The instantaneous drive current is
supplied by the flying capacitor between the VBST pin and LL pin. The drive capability is represented by its
internal resistance, which is 5
Ω for VBST to DRVH and 1.5 Ω for DRVH to LL.
The TPS51117 has an internal, 1.2-ms, voltage servo softstart with overcurrent limit. When the EN_PSV pin
becomes high, an internal DAC begins ramping up the reference voltage to the error amplifier. Smooth control of
the output voltage is maintained during start up.
The TPS51117 has power-good output. PGOOD is an open drain 7.5-mA pull-down output. This pin should be
typically connected to a 5-V power supply node through a 100-k
Ω resistor. The power-good function is activated
after the soft start has finished. If the output voltage becomes within
±5% of the target value, internal
comparators detect the power-good state and the power-good signal becomes high after a 64-
µs internal delay. If
the output voltage goes outside
±10% of the target value, the power-good signal becomes low immediately.
The TPS51117 discharges output when EN_PSV is low or the converter is in a fault condition (UVP, OVP,
UVLO, or thermal shutdown). The TPS51117 discharges output using an internal 20-
Ω MOSFET which is
connected to VOUT and PGND. The discharge time-constant is a function of the output capacitance and
resistance of the discharge transistor.
The TPS51117 has cycle-by-cycle overcurrent limiting control. Inductor current is monitored during the OFF state
and the controller keeps the OFF state when inductor current is larger than the overcurrent trip level. In order to
provide both good accuracy and a cost effective solution, the TPS51117 supports temperature compensated
MOSFET RDS(on) sensing. The TRIP pin should be connected to GND through the trip voltage setting resistor,
RTRIP. The TRIP terminal sources 10-µA ITRIP current, and the trip level is set to the OCL trip voltage, VTRIP as in
the following equation.
Inductor current is monitored by the voltage between the PGND pin and the LL pin so the LL pin should be
connected to the drain terminal of the low-side MOSFET. ITRIP has 4500 ppm/°C temperature coefficient to
compensate the temperature dependency of the RDS(on). PGND is used as the positive current sensing node so
PGND should be connected to the source terminal of the bottom MOSFET.
As the comparison is done during the OFF state, VTRIP sets the valley level of the inductor current. Thus, the load
current at overcurrent threshold, Iocp, can be calculated as follows;
In an overcurrent condition, the current to the load exceeds the current to the output capacitor thus the output
voltage tends to fall. Eventually it crosses the undervoltage protection threshold and shutdown.
9


Similar Part No. - TPS51117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51117PW TI-TPS51117PW Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWG4 TI-TPS51117PWG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWR TI-TPS51117PWR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWRG4 TI-TPS51117PWRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117RGY TI-TPS51117RGY Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS51117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com