Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4091BM-NFNG3 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # U4091BM-NFNG3
Description  PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-NFNG3 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button U4091BM-NFNG3 Datasheet HTML 3Page - ATMEL Corporation U4091BM-NFNG3 Datasheet HTML 4Page - ATMEL Corporation U4091BM-NFNG3 Datasheet HTML 5Page - ATMEL Corporation U4091BM-NFNG3 Datasheet HTML 6Page - ATMEL Corporation U4091BM-NFNG3 Datasheet HTML 7Page - ATMEL Corporation U4091BM-NFNG3 Datasheet HTML 8Page - ATMEL Corporation U4091BM-NFNG3 Datasheet HTML 9Page - ATMEL Corporation U4091BM-NFNG3 Datasheet HTML 10Page - ATMEL Corporation U4091BM-NFNG3 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
U4091BM-N
4666B–CORD–08/04
3.
Ringing:
During ringing, the supply for the system is fed into VB via the Ringing Power
Converter (RPC). Normally, the speaker amplifier in single-ended mode is used
for ringing. The frequency for the melody is generated by the DTMF/Melody
generator.
4.
External supply:
In an answering machine, the chip is powered by an external supply via pin VB.
The answering machine connections can be directly made to U4091BM-N. The
answering machine is connected to the pin AMREC. For the output AMREC, an
AGC function is selectable via the serial bus. The output of the answering
machine will be connected to the pin AMPB, which is directly connected to the
switching matrix. This enables the signal to be switched to every desired output.
Figure 4. Supply Generator
Ringing Power
Converter (RPC)
The RPC transforms the input power at VRING (high voltage/low current) into an equiv-
alent output power at VB (low voltage/high current) which is capable of driving the low-
ohmic loudspeaker. The input impedance at VRING is adjustable from 3 k
Ω to 12 kΩ by
RIMPA (ZRING = RIMPA/100) and the efficiency of the step-down converter is approxi-
mately 65%.
Ringing Frequency
Detector (RFD)
The U4091BM-N provides an output signal for the microcontroller. This output signal is
always double the value of the input signal (ringing frequency). It is generated by a cur-
rent comparator with hysteresis. The levels for the on-threshold are programmable in 16
steps, the off-level is fixed. Every change of the comparator output generates a high
level at the interrupt output INT. The information can then be read out by means of a
serial bus with either normal or fast read mode. The block RFD is always enabled.
Table 1. Threshold Level
+
-
-
+
3.3 V
5.5 V
V
MPS
V
MP
5.5 V
V
470
300 k
-
+
R
47
220
1
µF
10
R
SENSE
R
IND
C
V
L
V
B
µF
µF
µF
RINGTH[0:3]
V
RING
07 V
15
22 V
Step
1 V


Similar Part No. - U4091BM-NFNG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4091BM-AFN TEMIC-U4091BM-AFN Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091BM-AFNG3 TEMIC-U4091BM-AFNG3 Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
U4091BM-RFNG3Y ATMEL-U4091BM-RFNG3Y Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
U4091BM-RFNGY ATMEL-U4091BM-RFNGY Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
More results

Similar Description - U4091BM-NFNG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com