Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL30 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83SL30
Description  SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL30 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83SL30 Datasheet HTML 7Page - Exar Corporation XRT83SL30 Datasheet HTML 8Page - Exar Corporation XRT83SL30 Datasheet HTML 9Page - Exar Corporation XRT83SL30 Datasheet HTML 10Page - Exar Corporation XRT83SL30 Datasheet HTML 11Page - Exar Corporation XRT83SL30 Datasheet HTML 12Page - Exar Corporation XRT83SL30 Datasheet HTML 13Page - Exar Corporation XRT83SL30 Datasheet HTML 14Page - Exar Corporation XRT83SL30 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
áç
áç
áç
áç
XRT83SL30
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.4
8
JITTER ATTENUATOR
SIGNAL NAME
PIN #TYPE
DESCRIPTION
JABW
46
I
Jitter Attenuator Bandwidth
In Hardware and E1 mode, when JABW=”0” the jitter attenuator bandwidth is
10Hz (normal mode). Setting JABW to “1” selects a 1.5Hz Bandwidth for the
Jitter Attenuator and the FIFO length will be automatically set to 64 bits. In T1
mode the Jitter Attenuator Bandwidth is always set to 3Hz, and the state of
this pin has no effect on the Bandwidth. See table under JASEL[1:0] pin,
below.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
JASEL1
JASEL0
47
48
I
Jitter Attenuator select pin 1
Jitter Attenuator select pin 0
In Hardware Mode, JASEL0, JASEL1 and JABW pins are used to place the
jitter attenuator in the transmit path, the receive path or to disable it and set
the jitter attenuator bandwidth and FIFO size per the following table.
NOTE: These pins are internally pulled "Low" with 50k
Ω resistors.
Disabled
Transmit
Receive
Receive
------
32/32
32/32
64/64
------
3
3
3
------
10
10
10
0
0
1
1
0
1
0
1
0
0
0
0
Disabled
Transmit
Receive
Receive
--------
32/64
32/64
64/64
------
3
3
3
------
1.5
1.5
1.5
0
0
1
1
0
1
0
1
1
1
1
1
JA Path
JA BW (Hz)
FIFO Size
T1/E1
JASEL1
JASEL0
JABW
T1
E1


Similar Part No. - XRT83SL30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314IB EXAR-XRT83SL314IB Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314IB EXAR-XRT83SL314IB Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com