Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL30 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT83SL30
Description  SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL30 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT83SL30 Datasheet HTML 4Page - Exar Corporation XRT83SL30 Datasheet HTML 5Page - Exar Corporation XRT83SL30 Datasheet HTML 6Page - Exar Corporation XRT83SL30 Datasheet HTML 7Page - Exar Corporation XRT83SL30 Datasheet HTML 8Page - Exar Corporation XRT83SL30 Datasheet HTML 9Page - Exar Corporation XRT83SL30 Datasheet HTML 10Page - Exar Corporation XRT83SL30 Datasheet HTML 11Page - Exar Corporation XRT83SL30 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
XRT83SL30
áç
áç
áç
áç
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.4
PRELIMINARY
5
RECEIVER
SIGNAL NAME
PIN #TYPE
DESCRIPTION
RLOS
63
O
Receiver Loss of Signal
This signal is asserted ‘High’ for at least one RCLK cycle to indicate loss of
signal at the receive input. RLOS will remain “High” for the entire duration of
the loss of signal detected by the receiver logic.
RCLK
64
O
Receiver Clock Output
RNEG
LCV
1
O
Receiver Negative Data Output
In dual-rail mode, this signal is the receiver negative-rail output data.
Line Code Violation Output
In single-rail mode, this signal goes ‘High’ for one RCLK cycle to indicate a
code violation is detected in the received data. If AMI coding is selected,
every bipolar violation received will cause this pin to go “High”.
RPOS
RDATA
2
O
Receiver Positive Data Output
In dual-rail mode, this signal is the receive positive-rail output data sent to the
Framer.
Receiver NRZ Data Output
In single-rail mode, this signal is the receive NRZ format output data sent to
the Framer.
RTIP
4
I
Receiver Differential Tip Positive Input
Positive differential receive input from the line.
RRING
5
I
Receiver Differential Ring Negative Input
Negative differential receive input from the line.
RXMUTE
50
I
Receive Muting
In Hardware Mode, connect this pin ‘High’ to mute RPOS and RNEG out-
puts to a “Low” state upon receipt of LOS condition to prevent data chatter-
ing. Connect this pin to ‘Low’ to disable muting function.
NOTE: Internally pulled “Low” with 50k
Ω resistor.
RCLKE
53
I
Receive Clock Edge
In Hardware Mode, with this pin set to ‘High’ the output receive data is
updated on the falling edge of RCLK. With this pin tied ‘Low’, output data is
updated on the rising edge of RCLK.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.


Similar Part No. - XRT83SL30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314IB EXAR-XRT83SL314IB Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314IB EXAR-XRT83SL314IB Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com