Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT5997IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT5997IV
Description  Seven-Channel E1 Line Interface Unit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5997IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT5997IV Datasheet HTML 6Page - Exar Corporation XRT5997IV Datasheet HTML 7Page - Exar Corporation XRT5997IV Datasheet HTML 8Page - Exar Corporation XRT5997IV Datasheet HTML 9Page - Exar Corporation XRT5997IV Datasheet HTML 10Page - Exar Corporation XRT5997IV Datasheet HTML 11Page - Exar Corporation XRT5997IV Datasheet HTML 12Page - Exar Corporation XRT5997IV Datasheet HTML 13Page - Exar Corporation XRT5997IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
XRT5997
10
Rev. 1.0.0
Pin#
Symbol
Type
Description
48
LOS4
O
Receiver 4 Loss of Signal:
This output pin toggles “high” if Channel 4, within the XRT5997 device has
detected a “Loss of Signal” condition in the incoming line signal.
49
TxPOS4
O
Transmitter - Positive Data Input – Channel 4:
The exact signal that should be applied to this input pin depends upon
whether the user intends to operate the “Transmit Section” (of Channel 4) in
the “Clocked” or “Clockless” Mode.
Clocked Mode:
The Terminal Equipment should apply bit-wide NRZ pulses on this input pin,
whenever the Terminal Equipment needs to transmit a “positive-polarity”
pulse onto the line via TTIP4 and TRing4 output pins). The XRT5997
device will sample this input pin upon the falling edge of the TClk4 signal.
Clockless Mode:
The Terminal Equipment should apply RZ pulses to this input pin, anytime
the Terminal Equipment needs to transmit a “positive-polarity” pulse onto the
line via TTIP4 and TRing4 output pins.
50
TxNEG4
I
Transmitter - Negative Data Input – Channel 4:
The exact signal that should be applied to this input pin depends upon
whether the user intends to operate the “Transmit Section” (of the Channel 4)
in the “Clocked” or “Clockless” Mode.
In the Clocked Mode:
The Terminal Equipment should apply bit-wide NRZ pulses on this input pin,
whenever the Terminal Equipment needs to transmit a “negative-polarity”
pulse onto the line via the TTIP4 and TRing4 output pins. The XRT5997
device will sample this input pin upon the falling edge of the TClk4 signal.
In the Clockless Mode:
The Terminal Equipment should apply RZ pulses to this input pin, anytime the
Terminal Equipment needs to transmit a “negative-polarity” pulse onto the
line (via the TTIP4 and TRing4 output pins).
51
TxClk4
I
Transmitter Clock Input – Channel 4:
If the user operates Channel 4 (within the XRT5997 device) in the “clocked”
mode, then the “Transmit Section” of the Channel 4 will use the falling edge of
this signal to sample the data at the TxPOS4 and TxNEG4 input pins.
Note: If the user operates the Channel 4 in the “clockless” mode, then the
Terminal Equipment should not apply a clock signal to this input pin.
52
RRing4
I
Receiver 4 Negative Bipolar Input:
The Receive Section of Channel 4 uses this input pin, along with RTIP4 to
receive the bipolar line signal from the “Remote E1 Terminal”.
PIN DESCRIPTION (CONT'D)


Similar Part No. - XRT5997IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT59L91ID EXAR-XRT59L91ID Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
XRT59L921IB EXAR-XRT59L921IB Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT5997IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5897 EXAR-XRT5897 Datasheet
638Kb / 21P
   Seven-Channel E1 Line Interface
XRT81L27 EXAR-XRT81L27 Datasheet
374Kb / 30P
   SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com