Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT5997IV Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT5997IV
Description  Seven-Channel E1 Line Interface Unit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5997IV Datasheet(HTML) 4 Page - Exar Corporation

  XRT5997IV Datasheet HTML 1Page - Exar Corporation XRT5997IV Datasheet HTML 2Page - Exar Corporation XRT5997IV Datasheet HTML 3Page - Exar Corporation XRT5997IV Datasheet HTML 4Page - Exar Corporation XRT5997IV Datasheet HTML 5Page - Exar Corporation XRT5997IV Datasheet HTML 6Page - Exar Corporation XRT5997IV Datasheet HTML 7Page - Exar Corporation XRT5997IV Datasheet HTML 8Page - Exar Corporation XRT5997IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
XRT5997
4
Rev. 1.0.0
Pin#
Symbol
Type
Description
1
RxPOS1
O
Receiver 1 Positive Data Out:
This output pin will pulse “high” whenever Channel 1, within the XRT5997
device has received a “Positive Polarity” pulse, in the incoming line signal,
at RTIP1/RRing1 inputs.
2
RxNEG1
O
Receiver 1 Negative Data Out:
This output pin will pulse “high” whenever Channel 1, within the XRT5997
device has received a “Negative Polarity” pulse, in the incoming line signal,
at tRTIP1/RRing1 inputs.
3
DVDD
-
Positive Supply - (+3.3V ± 5%). Digital Circuitry.
4
LOS7
O
Receiver 7 Loss of Signal Output Indicator:
This output pin toggles “high” if Channel 7, within the XRT5997 device has
detected a “Loss of Signal” condition in the incoming line signal.
5
RxPOS7
O
Receiver 7 Positive Data Out:
This output pin will pulse “high” whenever Channel 7, within the XRT5997
device has received a “Positive Polarity” pulse, in the incoming line signal,
at RTIP7/RRing7 inputs.
6
RxNEG7
O
Receiver 7 Negative Data Out:
This output pin will pulse “high” whenever Channel 7, within the XRT5997
device has received a “Negative Polarity” pulse, in the incoming line signal,
at RTIP7/RRing7 inputs.
7
RTIP1
I
Receiver 1 Positive Bipolar Input:
The Receive Section of Channel 1 uses this input pin, along with RRing1
to receive the bipolar line signal from the “Remote E1 Terminal”.
8
RRing1
I
Receiver 1 Negative Bipolar Input:
The Receive Section of Channel 1 uses this input pin, along with RTIP1 to
receive the bipolar line signal from the “Remote E1 Terminal”.
9
AVDD
-
Positive Supply - (+3.3V ± 5%). Analog Circuitry.
10
AGND
-
Analog Ground
11
AVDD
Positive Supply - (+3.3V ± 5%). Receiver 1, 2, 3, 5.
12
RRing2
I
Receiver 2 Negative Bipolar Input:
The Receive Section of Channel 2 uses this input pin, along with RTIP2 to
receive the bipolar line signal from the “Remote E1 Terminal”.
13
RTIP2
I
Receiver 2 Positive Bipolar Input:
The Receive Section of Channel 2 uses this input pin, along with RRing2
to receive the bipolar line signal from the “Remote E1 Terminal”.
PIN DESCRIPTION


Similar Part No. - XRT5997IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT59L91ID EXAR-XRT59L91ID Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
XRT59L921IB EXAR-XRT59L921IB Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT5997IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5897 EXAR-XRT5897 Datasheet
638Kb / 21P
   Seven-Channel E1 Line Interface
XRT81L27 EXAR-XRT81L27 Datasheet
374Kb / 30P
   SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com