Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM31584SA20SOTR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PDM31584SA20SOTR
Description  256 X 16 CMOS 3.3V STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM31584SA20SOTR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  PDM31584SA20SOTR Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM31584SA20SOTR Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM31584SA20SOTR Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM31584SA20SOTR Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM31584SA20SOTR Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM31584SA20SOTR Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM31584SA20SOTR Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM31584SA20SOTR Datasheet HTML 8Page - List of Unclassifed Manufacturers PDM31584SA20SOTR Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PDM31564
Rev. 1.2 - 3/31/98
9
PRELIMINARY
1
2
3
4
5
6
7
8
9
10
11
12
Device Type
Power
Speed
Package
Type
Process
Temp. Range
Preferred
Shipping
Container
Commercial (0
° to +70°C)
Industrial (–40
°C to +85°C)
8
Commercial Only
10
Commercial Only
12
15
20
SA
Standard Power
Blank
I
A
Automotive ( –40
°C to +105°C)
Blank Tubes
TR
Tape & Reel
TY
Tray
PDM31564 - (256Kx16) Static RAM
XXXXX
X
XX
X
X
X
SO
44-pin 400-mil Plastic SOJ
T
44-pin Plastic TSOP (II)
NOTES:
1. Parameter is determined by device characterization and is not production tested. See Figure 2 for load conditions.
2. If the CE LOW transition occurs coincident with or after the WE LOW transition, outputs remain in a high imped-
ance state.
3. If the CE HIGH transition occurs coincident with or after the WE HIGH transition, outputs remain in a high imped-
ance state.
4. If OE is HIGH during a write cycle, the outputs are in a high-impedance state during this period.
Ordering Information
Faster Memories for a FasterWorld


Similar Part No. - PDM31584SA20SOTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31096 ETC1-PDM31096 Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SO ETC1-PDM31096SA10SO Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOA ETC1-PDM31096SA10SOA Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOATR ETC1-PDM31096SA10SOATR Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOATY ETC1-PDM31096SA10SOATY Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
More results

Similar Description - PDM31584SA20SOTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Mosel Vitelic, Corp
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com