Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2052BDGNG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2052BDGNG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2052BDGNG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2052BDGNG4 Datasheet HTML 1Page - Texas Instruments TPS2052BDGNG4 Datasheet HTML 2Page - Texas Instruments TPS2052BDGNG4 Datasheet HTML 3Page - Texas Instruments TPS2052BDGNG4 Datasheet HTML 4Page - Texas Instruments TPS2052BDGNG4 Datasheet HTML 5Page - Texas Instruments TPS2052BDGNG4 Datasheet HTML 6Page - Texas Instruments TPS2052BDGNG4 Datasheet HTML 7Page - Texas Instruments TPS2052BDGNG4 Datasheet HTML 8Page - Texas Instruments TPS2052BDGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATING RATING TABLE
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTION AND ORDERING INFORMATION
RECOMMENDED
TYPICAL
PACKAGED DEVICES(1)
MAXIMUM
SHORT-CIRCUIT
NUMBER OF
TA
ENABLE
CONTINUOUS
CURRENT LIMIT
SWITCHES
MSOP (DGN)
SOIC (D)
LOAD CURRENT
AT 25°c
Active low
Single
TPS2041BDGN
TPS2041BD
Active high
Single
TPS2051BDGN
TPS2051BD
Active low
Dual
TPS2042BDGN
TPS2042BD
Active high
Dual
TPS2052BDGN
TPS2052BD
-40°C to 85°C
0.5 A
1 A
Active low
Triple
--
TPS2043BD
Active high
Triple
--
TPS2053BD
Active low
Quad
--
TPS2044BD
Active high
Quad
--
TPS2054BD
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., TPS2042BDR)
over operating free-air temperature range unless otherwise noted(1)
UNIT
Input voltage range, VI(IN), VI(INx)(2)
-0.3 V to 6 V
Output voltage range, VO(OUT), VO(OUTx)(2)
-0.3 V to 6 V
Input voltage range, VI(EN), VI(ENx), VI(EN), VI(ENx)
-0.3 V to 6 V
Voltage range, VI(/OC), VI(OCx)
-0.3 V to 6 V
Continuous output current, IO(OUT), IO(OUTx)
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
-40°C to 125°C
Storage temperature range, Tstg
-65°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260°C
Human body model MIL-STD-883C
2 kV
Electrostatic discharge (ESD) protection
Charge device model (CDM)
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DGN-8
1712.3 mW
17.123 mW/°C
941.78 mW
684.93 mW
D-8
585.82 mW
5.8582 mW/°C
322.20 mW
234.32 mW
D-16
898.47 mW
8.9847 mW
494.15 mW
359.38 mW
2


Similar Part No. - TPS2052BDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2052BDGNG4 TI-TPS2052BDGNG4 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2052BDGNG4 TI-TPS2052BDGNG4 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2052BDGNG4 TI1-TPS2052BDGNG4 Datasheet
1Mb / 59P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2052BDGNG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com