Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62458FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M62458FP
Description  SRS 3D SOUND PROCESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62458FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62458FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62458FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62458FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62458FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62458FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62458FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUBISHI SOUND PROCESSOR
M62458FP
SRS 3D SOUND PROCESSOR
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
ELECTRIC
MITSUBISHI
6
(
/
)
4
RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Conditions
Unit
Vcc
Supply Voltage
V
Min.
Typ.
Max.
High Level
Input Voltage
Low Level
Input Voltage
VIH
VIL
V
V
4.5
5.0
12.0
2.1
0.8
VDD
0
ELECTRICAL CHARACTERISTICS
(1) Power Supply Characteristics
Symbol
Parameter
Conditions
Unit
Icc
Circuit Current
mA
Min.
Typ.
Max.
10
20
(2) -1 Input / Output Characteristics (Vcc=5V, Ta=25°C, Vi=0.1Vrms)
Symbol
Parameter
Conditions
Unit
Min.
Typ.
Max.
VOM
Maximum
Output Voltage
Vrms
Output Noise
Voltage1
µVrms
THD
Total
Harmonic
Distortion
%
0.01
0.05
1.0
0.7
Input
Output
Limit
f=1kHz
THD=1%
IHF-A filter
SRS on/off
f=1kHz
Vi=-10dBv
DIN-A filter
VNO1
IHF-A filter
5
10
RL=10K
RL=10K
Conditions
SRS off
SRS off
Output Noise
Voltage2
µVrms
VNO1
IHF-A filter
40
100
SRS on
(VOL=max)
Gv1
Input - Output
Voltage Gain1
f=1kHz
RL=10K
SRS off
0
-3
+3
dB
Gv2
Input - Output
Voltage Gain2
f=1kHz
RL=10K
SRS on
(VOL=max)
6.5
3.5
9.5
dB
Gv3
Input - Output
Voltage Gain3
f=100Hz RL=10K
SRS on
(VOL=max)
16.0
13.0
19.0
dB
Pin-1
(SRS on)
Pin-1
(SRS off)
Gv4
f=10KHz RL=10K
SRS on
(VOL=max)
11.0
8.0
14.0
dB
Input - Output
Voltage Gain4


Similar Part No. - M62458FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62458FP RENESAS-M62458FP Datasheet
2Mb / 7P
   SRS 3D SOUND PROCESSOR
More results

Similar Description - M62458FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
   SRS 3D SOUND PROCESSOR
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
   SRS 3D SOUND PROCESSOR
logo
Renesas Technology Corp
M62458FP RENESAS-M62458FP Datasheet
2Mb / 7P
   SRS 3D SOUND PROCESSOR
M62438FP RENESAS-M62438FP Datasheet
115Kb / 7P
   Simplified SRS 3D Sound Processor
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com