Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5944ESE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5944ESE
Description  Dual FireWire Current Limiter and Low-Drop ORing
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5944ESE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5944ESE Datasheet HTML 4Page - Maxim Integrated Products MAX5944ESE Datasheet HTML 5Page - Maxim Integrated Products MAX5944ESE Datasheet HTML 6Page - Maxim Integrated Products MAX5944ESE Datasheet HTML 7Page - Maxim Integrated Products MAX5944ESE Datasheet HTML 8Page - Maxim Integrated Products MAX5944ESE Datasheet HTML 9Page - Maxim Integrated Products MAX5944ESE Datasheet HTML 10Page - Maxim Integrated Products MAX5944ESE Datasheet HTML 11Page - Maxim Integrated Products MAX5944ESE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Dual FireWire Current Limiter and Low-Drop
ORing Switch Controller
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
INA
Channel A Input Power and Current-Sense Positive Input. Connect INA to the other end of the current-
sense resistor and to the power source (see the Typical Operating Circuit).
2
ONA
Channel A On/Off Control Input. ONA sets the undervoltage lockout threshold and resets the part after a
fault latch. Drive ONA high to enable the device. Drive ON_ low to disable the device. Connect ONA to INA
for the default undervoltage lockout threshold. Connect a resistor-divider from INA to ONA and to GND to
program the desired undervoltage lockout threshold.
3
FAULTA
Channel A Current-Fault Status Output. FAULTA is an open-drain output. FAULTA goes low after a current-
limit fault has exceeded the 2ms (typ) current-limit timeout period (see the FAULT_ section).
4
ONQ1
ORing Switch Manual Turn-On Input. Drive ONQ1 low to enable power-supply ORing for channels A and B.
Drive ONQ1 high to set GATE1A to GATE1B high to allow reverse-current flow. ONQ1 is disabled for the
respective channel when VIN is below the UVLO threshold, VON_ is below the undervoltage lockout
threshold and after a current-limit fault.
5
OUTB
Channel B Output-Voltage Sense. Connect to the output.
6
GATE2B
Channel B Current-Limiter Switch Gate-Drive Output. Referenced to OUTB. Connect GATE2B to the gate of
the 2nd n-channel MOSFET. GATE2B is a charge pump with a 50µA pullup current to 5.5V (typ) above
OUTB when active (see the Typical Operating Circuit).
7
GATE1B
Channel B ORing Switch Gate-Drive Output. Referenced to SENSEB. Connect GATE1B to the gate of the
1st n-channel MOSFET. GATE1B is a charge pump with a 50µA pullup current to 5.5V (typ) above SENSEB
when active (see the Typical Operating Circuit).
8
SENSEB
Channel B Current-Sense Negative Input. Connect current-sense resistor, RSENSE, from INB to SENSEB.
9
INB
Channel B Input Power and Current-Sense Positive Input. Connect INB to the other end of the current-
sense resistor and to the power source.
10
ONB
Channel B On/Off Control Input. ONB sets the undervoltage lockout threshold and resets the part after a
fault latch. Drive ONB high to enable the device. Drive ON_ low to disable the device. Connect ONB to INB
for the default undervoltage lockout threshold. Connect a resistor-divider from INB to ONB and to GND to
program the desired undervoltage lockout threshold.
11
FAULTB
Channel B Current-Fault Status Output. FAULTB is an open-drain output. FAULTB goes low after a current-
limit fault has exceeded the 2ms (typ) current-limit timeout period (see the FAULT_ section).
12
GND
Ground
13
OUTA
Channel A Output-Voltage Sense. Connect to the output.
14
GATE2A
Channel A Current-Limiter Switch Gate-Drive Output. Referenced to OUTA. Connect GATE2A to the gate of
the 2nd n-channel MOSFET. GATE2A is a charge pump with a 50µA pullup current to 5.5V (typ) above
OUTA when active.
15
GATE1A
Channel A ORing Switch Gate-Drive Output. Referenced to SENSEA. Connect GATE1A to the gate of the
1st n-channel MOSFET. GATE1A is a charge pump with a 50µA pullup current to 5.5V (typ) above SENSEA
when active.
16
SENSEA
Channel A Current-Sense Negative Input. Connect current-sense resistor, RSENSEA, from INA to SENSEA
(see the Typical Operating Circuit).


Similar Part No. - MAX5944ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5944ESE MAXIM-MAX5944ESE Datasheet
933Kb / 17P
   Dual FireWire Current Limiter and Low-Drop ORing Switch Controller
2021
More results

Similar Description - MAX5944ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5944 MAXIM-MAX5944_V01 Datasheet
933Kb / 17P
   Dual FireWire Current Limiter and Low-Drop ORing Switch Controller
2021
MAX5943 MAXIM-MAX5943 Datasheet
933Kb / 20P
   FireWire Current Limiter and Low-Drop ORing Switch Controller
Rev 0; 8/04
MAX5943 MAXIM-MAX5943_07 Datasheet
412Kb / 20P
   FireWire Current Limiter and Low-Drop ORing Switch Controller
Rev 2; 10/07
logo
Diodes Incorporated
SR104-B DIODES-SR104-B Datasheet
48Kb / 2P
   High Current Capability and Low Forward Drop
logo
ETA SOLUTIONS CO. LIMIT...
ETA5097 ETA-ETA5097 Datasheet
143Kb / 1P
   12V Interface Current Limiter and Integrated Low Linear Regulator
logo
API Technologies Corp
MALIML0024 APITECH-MALIML0024 Datasheet
349Kb / 2P
   S-Band Drop-in Limiter Module
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
[Old version datasheet]   Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Current Limiter
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com