Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8550A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8550A
Description  Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8550A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8550A Datasheet HTML 3Page - Maxim Integrated Products MAX8550A Datasheet HTML 4Page - Maxim Integrated Products MAX8550A Datasheet HTML 5Page - Maxim Integrated Products MAX8550A Datasheet HTML 6Page - Maxim Integrated Products MAX8550A Datasheet HTML 7Page - Maxim Integrated Products MAX8550A Datasheet HTML 8Page - Maxim Integrated Products MAX8550A Datasheet HTML 9Page - Maxim Integrated Products MAX8550A Datasheet HTML 10Page - Maxim Integrated Products MAX8550A Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Integrated DDR Power-Supply Solution for
Desktops, Notebooks, and Graphic Cards
_______________________________________________________________________________________
7
LOAD TRANSIENT (BUCK)
MAX8550A toc10
20µs/div
12A
VOUT
100mV/div
VTT
100mV/div
VTTR
100mV/div
ILOAD
10A/div
0.1A
IVTT = 1.5A, IVTTR = 15mA
LOAD TRANSIENT VTT (-1.5A TO +1.5A)
MAX8550A toc11
40µs/div
VOUT
50mV/div
VTT
50mV/div
VTTR
50mV/div
IVTT
2A/div
0A
ILOAD = 12A, IVTTR = 15mA
LOAD TRANSIENT VTT (-3A TO +3A)
MAX8550A toc12
40µs/div
VOUT
50mV/div
VTT
50mV/div
VTTR
50mV/div
IVTT
5A/div
0A
ILOAD = 12A, IVTTR = 15mA
POWER-UP WAVEFORMS
MAX8550A toc13
200µs/div
OUT
1V/div
VTT
2V/div
VTTR
1V/div
VIN
10V/div
0V
0V
0V
0V
VDD = 5V, ILOAD = 12A, IVTT = 1.5A, IVTTR = 15mA
POWER-DOWN WAVEFORMS
MAX8550A toc14
200µs/div
OUT
1V/div
VTT
2V/div
VTTR
1V/div
VIN
10V/div
0V
0V
0V
0V
VDD = 5V, ILOAD = 12A, IVTT = 1.5A, IVTTR = 15mA
STARTUP AND SHUTDOWN INTO
HEAVY LOAD, DISCHARGE DISABLED
MAX8550A toc15
1ms/div
VOUT
2V/div
VTT
1V/div
SHDN
5V/div
POK1
5V/div
0V
0V
0V
0V
ILOAD = 12A,
IVTT = 1.5A
Typical Operating Characteristics (continued)
(VVIN = 12V, VOUT = 2.5V, TON = GND, SKIP = AVDD, circuit of Figure 8, TA = +25°C, unless otherwise noted.)
STARTUP AND SHUTDOWN INTO
LIGHT LOAD, DISCHARGE ENABLED
MAX8550A toc16
2ms/div
VOUT
VTT
VTTR
10V/div
500mV/div
500mV/div
500mV/div
SHDN
1.8V
0.9V
0.9V
STANDBY RESPONSE
VTT LOADED AT 10Ω TO GND
MAX8550A toc17a
2ms/div
500mV/div
500mV/div
500mV/div
5V/div
VOUT
VTT
VTTR
STBY
1.8V
0.9V
0.9V


Similar Part No. - MAX8550A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550A MAXIM-MAX8550A Datasheet
295Kb / 8P
   Evaluation Kit
Rev 1; 11/04
More results

Similar Description - MAX8550A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8632 MAXIM-MAX8632 Datasheet
512Kb / 29P
   Integrated DDR Power-Supply Solution for Desktops,Notebooks, and Graphic Cards
Rev 0; 3/05
MAX8550 MAXIM-MAX8550_13 Datasheet
493Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 3; 4/13
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550-MAX8551 MAXIM-MAX8550-MAX8551 Datasheet
454Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 2; 9/04
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
   Complete DDR Power Solution
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
logo
Kingston Technology Far...
SNVS KINGSTON-SNVS Datasheet
2Mb / 2P
   Efficient performance for thinner notebooks and systems
logo
Texas Instruments
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Infineon Technologies A...
ESD8V0L1B-02EL INFINEON-ESD8V0L1B-02EL Datasheet
616Kb / 9P
   Notebooks and destop computers, peripherals
2013-02-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com