Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC141556 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC141556
Description  USB Hub Controller CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC141556 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC141556 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MC141556
11
MOTOROLA
STATUS CHANGE REGISTER
The additional endpoint 1 of the Hub Controller supports interrupt transfer which reports the Hub and Port Status Change
Register, as shown in following table. This register contains only one byte.
Table 8. Status Change Register
REQUEST
The Hub Controller will respond to the HOST Request through the endpoint 0 pipe in the way as illustrated in following tables.
If the Hub responses with STALL packet, it means the request is not supported.
7
DeviceRemovable
1
00h/20h
00h: Indicate all the ports connected to this Hub are
removable.
02h: Indicate Port5 is dedicated to internal use and
permanent attached.
8
PortPwrCtrlMask
1
3Eh/
1Eh/
00h
Indicates all the ports connected to this Hub are not
affected by a Ganged-mode power request, Ports
always require SetPortFeature (PORT_POWER) to
control the port’s power state.
3Eh: 5 downstream ports are individual-controlled
1Eh: 4 downstream ports are individual-controlled
00h: all downstream ports are ganged-controlled
Bit
Function
Value
Description
0
Hub status change
0
1
No status change in Hub
Hub status change detected
1
Port 1 status change
0
1
No status change in Port 1
Port 1 status change detected
2
Port 2 status change
0
1
No status change in Port 2
Port 2 status change detected
3
Port 3 status change
0
1
No status change in Port 3
Port 3 status change detected
4
Port 4 status change
0
1
No status change in Port 4
Port 4 status change detected
5
Port 5 status change
0
1
No status change in Port 5
Port 5 status change detected
6-7
Reserved
00
Default values
Offset
Field
Size
Value
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC141556

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
MC141555P1 MOTOROLA-MC141555P1 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
More results

Similar Description - MC141556

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com