Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV010-10DP Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT17LV010-10DP
Description  Space FPGA Configuration EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV010-10DP Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT17LV010-10DP Datasheet HTML 2Page - ATMEL Corporation AT17LV010-10DP Datasheet HTML 3Page - ATMEL Corporation AT17LV010-10DP Datasheet HTML 4Page - ATMEL Corporation AT17LV010-10DP Datasheet HTML 5Page - ATMEL Corporation AT17LV010-10DP Datasheet HTML 6Page - ATMEL Corporation AT17LV010-10DP Datasheet HTML 7Page - ATMEL Corporation AT17LV010-10DP Datasheet HTML 8Page - ATMEL Corporation AT17LV010-10DP Datasheet HTML 9Page - ATMEL Corporation AT17LV010-10DP Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
A717LV010-10DP
4265B–AERO–06/04
DC Characteristics
V
CC = 3.3V ± 0.3V
Electrical Characteristics
Absolute Maximum Ratings*
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those listed under oper-
ating conditions is not implied. Exposure to Abso-
lute Maximum Rating conditions for extended
periods of time may affect device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground ..............................-0.1V to V
CC +0.5V
Supply Voltage (VCC) .........................................-0.5V to +7.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.)............. 260
°C
ESD (RZAP = 1.5K, CZAP = 100 pF)................................. 2000V
Operating Conditions
Symbol
Description
3.3V
Units
Min
Max
VCC
Military
-55 to +125°C
3.0
3.6
V
Symbol
Description
AT17LV010-10DP
Units
Min
Max
VIH
High-level Input Voltage
2.0
VCC
V
V
IL
Low-level Input Voltage
0
0.8
V
VOH
High-level Output Voltage (IOH = -2.5 mA)
2.4
V
VOL
Low-level Output Voltage (IOL = +3 mA)
0.4
V
I
CCA
Supply Current, Active Mode
10
mA
IL
Input or Output Leakage Current (VIN = VCC or
GND)
-10
10
µA
I
CCS
Supply Current, Standby Mode
200
µA


Similar Part No. - AT17LV010-10DP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP-E ATMEL-AT17LV010-10DP-E Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP-MQ ATMEL-AT17LV010-10DP-MQ Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP-MQ ATMEL-AT17LV010-10DP-MQ Datasheet
137Kb / 15P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 1 MEGABIT SERIAL EEPROM, MONOLITHIC SILICON
AT17LV010-10DP-SV ATMEL-AT17LV010-10DP-SV Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
More results

Similar Description - AT17LV010-10DP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010-10DP ATMEL-AT17LV010-10DP_05 Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT69170E ATMEL-AT69170E Datasheet
353Kb / 28P
   Space FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com