Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8148ANJ Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI7C8148ANJ
Description  2-PORT PCI-TO-PCI BRIDGE ADVANCE INFORMATION
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8148ANJ Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI7C8148ANJ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C8148ANJ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C8148ANJ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C8148ANJ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C8148ANJ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8148ANJ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8148ANJ Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8148ANJ Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8148ANJ Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
PI7C8148A
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 7 of 90
JUNE 2004 – Revision 1.04
14
BRIDGE BEHAVIOR.............................................................................................................................62
14.1
BRIDGE ACTIONS FOR VARIOUS CYCLE TYPES.........................................................................62
14.2
ABNORMAL TERMINATION (INITIATED BY BRIDGE MASTER) ..............................................63
14.2.1
MASTER ABORT.........................................................................................................................63
14.2.2
PARITY AND ERROR REPORTING .........................................................................................63
14.2.3
REPORTING PARITY ERRORS.................................................................................................63
14.2.4
SECONDARY IDSEL MAPPING................................................................................................63
15
CONFIGURATION REGISTERS.........................................................................................................64
15.1
REGISTER TYPES ...............................................................................................................................64
15.2
CONFIGURATION REGISTER...........................................................................................................64
15.2.1
VENDOR ID REGISTER – OFFSET 00h ..................................................................................65
15.2.2
DEVICE ID REGISTER – OFFSET 00h....................................................................................65
15.2.3
COMMAND REGISTER – OFFSET 04h ...................................................................................65
15.2.4
PRIMARY STATUS REGISTER – OFFSET 04h ......................................................................66
15.2.5
REVISION ID REGISTER – OFFSET 08h................................................................................67
15.2.6
CLASS CODE REGISTER – OFFSET 08h................................................................................67
15.2.7
CACHE LINE REGISTER – OFFSET 0Ch ...............................................................................67
15.2.8
PRIMARY LATENCY TIMER REGISTER – OFFSET 0Ch.....................................................67
15.2.9
HEADER TYPE REGISTER – OFFSET 0Ch ............................................................................67
15.2.10
PRIMARY BUS NUMBER REGISTER – OFFSET 18h .......................................................67
15.2.11
SECONDARY BUS NUMBER REGISTER – OFFSET 18h .................................................68
15.2.12
SUBORDINATE BUS NUMBER REGISTER – OFFSET 18h .............................................68
15.2.13
SECONDARY LATENCY TIMER REGISTER – OFFSET 18h ...........................................68
15.2.14
I/O BASE ADDRESS REGISTER – OFFSET 1Ch................................................................68
15.2.15
I/O LIMIT ADDRESS REGISTER – OFFSET 1Ch ..............................................................68
15.2.16
SECONDARY STATUS REGISTER – OFFSET 1Ch............................................................69
15.2.17
MEMORY BASE ADDRESS REGISTER – OFFSET 20h ....................................................69
15.2.18
MEMORY LIMIT ADDRESS REGISTER – OFFSET 20h ...................................................70
15.2.19
PREFETCHABLE MEMORY BASE ADDRESS REGISTER – OFFSET 24h....................70
15.2.20
PREFETCHABLE MEMORY LIMIT ADDRESS REGISTER – OFFSET 24h ..................70
15.2.21
PREFETCHABLE MEMORY BASE ADDRESS UPPER 32-BITS REGISTER – OFFSET
28h
...................................................................................................................................................70
15.2.22
PREFETCHABLE MEMORY LIMIT ADDRESS UPPER 32-BITS REGISTER – OFFSET
2Ch
...................................................................................................................................................71
15.2.23
I/O BASE ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h ...................................71
15.2.24
I/O LIMIT ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h ..................................71
15.2.25
CAPABILITY POINTER REGISTER – OFFSET 34h ..........................................................71
15.2.26
INTERRUPT LINE REGISTER – OFFSET 3Ch ..................................................................71
15.2.27
INTERRUPT PIN REGISTER – OFFSET 3Ch .....................................................................71
15.2.28
BRIDGE CONTROL REGISTER – OFFSET 3Ch ................................................................72
15.2.29
DIAGNOSTIC/CHIP CONTROL REGISTER – OFFSET 40h .............................................73
15.2.30
ARBITER CONTROL REGISTER – OFFSET 40h ...............................................................74
15.2.31
EXTENDED CHIP CONTROL REGISTER – OFFSET 48h ................................................74
15.2.32
SECONDARY BUS ARBITER PREEMPTION CONTROL REGISTER – OFFSET 4Ch ..75
15.2.33
P_SERR# EVENT DISABLE REGISTER – OFFSET 64h ...................................................76
15.2.34
SECONDARY CLOCK CONTROL REGISTER – OFFSET 68h ..........................................77
15.2.35
P_SERR# STATUS REGISTER – OFFSET 68h....................................................................77
15.2.36
CLKRUN REGISTER – OFFSET 6Ch ...................................................................................78
15.2.37
PORT OPTION REGISTER – OFFSET 74h..........................................................................78
15.2.38
CAPABILITY ID REGISTER – OFFSET 80h .......................................................................80
15.2.39
NEXT ITEM POINTER REGISTER – OFFSET 80h ............................................................80
15.2.40
POWER MANAGEMENT CAPABILITIES REGISTER – OFFSET 80h ............................81


Similar Part No. - PI7C8148ANJ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8148B PERICOM-PI7C8148B Datasheet
114Kb / 2P
   2-PORT PCI-to-PCI BRIDGE PLX PC16152 COMPARISON
PI7C8148BNJ PERICOM-PI7C8148BNJ Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8148BNJE PERICOM-PI7C8148BNJE Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
More results

Similar Description - PI7C8148ANJ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8150A PERICOM-PI7C8150A Datasheet
1Mb / 111P
   2-PORT PCI-to-PCI BRIDGE
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
   2-Port PCI-to-PCI Bridge
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
   2-Port PCI-to-PCI Bridge
PI7C8140AMAE PERICOM-PI7C8140AMAE Datasheet
1Mb / 82P
   2-Port PCI-to-PCI Bridge
PI7C8154A PERICOM-PI7C8154A Datasheet
818Kb / 114P
   2-Port PCI-to-PCI Bridge
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
   Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8140A PERICOM-PI7C8140A Datasheet
117Kb / 3P
   2 PORT PCI TO PCI BRIDGE PLX PCI 6140 COMPARISON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com