Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5192K Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN5192K
Description  Single chip IC with I2C bus Interface for PAL/NTSC color TV system
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5192K Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN5192K Datasheet HTML 1Page - Panasonic Semiconductor AN5192K Datasheet HTML 2Page - Panasonic Semiconductor AN5192K Datasheet HTML 3Page - Panasonic Semiconductor AN5192K Datasheet HTML 4Page - Panasonic Semiconductor AN5192K Datasheet HTML 5Page - Panasonic Semiconductor AN5192K Datasheet HTML 6Page - Panasonic Semiconductor AN5192K Datasheet HTML 7Page - Panasonic Semiconductor AN5192K Datasheet HTML 8Page - Panasonic Semiconductor AN5192K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ICs for TV
AN5192K
5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIF circuit (continued) (Typical input fP = 38.9 MHz, VIN = 90 dBµ, DAC Data are typical)
APC pull-in range (low)
fPPL
Low band side pull-in range
−2.0
−1.0
MHz
(Difference from fP = 38.9 MHz)
RF AGC delay point adjusting range
∆V
RFDP
Input to become delay point (V27 =
75
95
dB
µ
approx. 6.5 V) at Data 0C
= 00 to 7F
VCO free-running frequency
∆f
P
Dispersion without input VIN,
−1.2
0
1.2
MHz
V36 (IF AGC) = 0 V (Measurement
of difference from 38.9 MHz)
RF AGC maximum sink current
IRFmax
Maximum current IC can sink when
1.5
3.0
mA
pin 27 is low
RF AGC minimum sink current
IRFmin
IC leakage current at which pin 27
−50
0
50
µA
is high
AFT discrimination sensitivity
µ
AFT
Df
= ±25 kHz
40
57
75
mV/kHz
AFT center voltage
VAFT
V30 without input VIN
4.0
4.5
5.0
V
AFT maximum output voltage
VAFTmax
V30 at f = fP − 500 kHz
7.8
8.1
8.7
V
AFT minimum output voltage
VAFTmin
V30 at f = fP + 500 kHz
0.3
0.8
1.0
V
Detection output resistance
RO39
DC measurement
70
120
170
External mode output DC voltage
V39EXT
Output DC voltage in AV SW
0.5
1.0
1.8
V
external mode (04
− D6 = 1)
SIF circuit (Typical input fS = 6.0 MHz, fM = 400 Hz, VIN = 90 dBµ)
Audio detection output (PAL)
VSOP
∆f = ±50 kHz
480
600
720
mV[rms]
0D
− D7 = 0, R
237 = 560 kΩ
Audio detection output (NTSC/PAL)
RSN/P
∆f = ±25 kHz, R
237 = 560 kΩ−2.5
− 0.5
1.5
dB
0D
− D7 = 1, ratio to PAL
Audio detection output linearity
∆V
SOP
Ratio of at fS = 6.0 MHz to 6.5 MHz,
−2.5
0
2.5
dB
and to 5.5 MHz (270 k
Ω addition
between pin 37 and VCC1)
SIF pull-in range (PAL)
fSPP
PAL mode (0D
− D7 = 0) pull-in
5.7
6.8
MHz
range R237 = 560 kΩ
SIF pull-in range (NTSC)
fSPN
NTSC mode (0D
− D7 = 1)pull-in range
4.2
4.8
MHz
range R237 = 560 kΩ
SIF pull-in range (5.5 MHz)
fSP5.5
PAL mode (0D
− D7 = 0)
5.2
5.8
MHz
270 k
Ω addition between pin 37 and V
CC1
SIF input resistance
RI34
DC measurement
8
10
12
k
De-emphasis pin output resistance (PAL)
R29P
Impedance of pin 29 at PAL
32
40
48
k
De-emphasis pin output resistance (NTSC)
R29N
Impedance of pin 29 at NTSC
48
60
72
k
AV SW circuit
Video SW voltage gain
GVSW
f
= 1 MHz, V
IN = 1 V[p-p]
6.2
7.2
8.2
dB
Video SW f characteristics
fVSW
Frequency to become
−3 dB from f = 1 MHz
10

MHz
s Electrical Characteristics at Ta = 25°C (continued)


Similar Part No. - AN5192K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
AN5195K-C PANASONIC-AN5195K-C Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
More results

Similar Description - AN5192K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
logo
Mitsubishi Electric Sem...
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M51408SP MITSUBISHI-M51408SP Datasheet
1Mb / 25P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
Panasonic Semiconductor
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com