Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7454M Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC7454M
Description  CMOS Data Slicer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7454M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC7454M Datasheet HTML 7Page - Sanyo Semicon Device LC7454M Datasheet HTML 8Page - Sanyo Semicon Device LC7454M Datasheet HTML 9Page - Sanyo Semicon Device LC7454M Datasheet HTML 10Page - Sanyo Semicon Device LC7454M Datasheet HTML 11Page - Sanyo Semicon Device LC7454M Datasheet HTML 12Page - Sanyo Semicon Device LC7454M Datasheet HTML 13Page - Sanyo Semicon Device LC7454M Datasheet HTML 14Page - Sanyo Semicon Device LC7454M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LC7454A/M
No.6685-11/16
<Data format>
The LC7454 can extract the Index Plus + format data.
If the line contains the 1x format data, the first 15 bits of the 32 bit data buffer are filled with ‘0’ and 16th bit becomes ‘1’.
The extracted data is stored is stored form 16th to 31st bit.
32 bit data output buffer
32 bit data output buffer
Five 32 bit data buffer are provided to store maximum of 5 line data in a field. If the data with correct format exists in the
selected lines, the extracted data are stored into the buffers by the order of line number. If correct data is not found on the
selected line, the data buffer is filled with ‘0’. All five data buffers are cleared by the line 10 sensing signal in the next field.
Therefore, the data have to be read out between LN26 and the line 10 of the next field.
Please read only the selected buffers. For example, if three lines are selected, read the first three 32 bit buffers only.
p2
b6
b5
b4
b3
b2
b1
b0
p1
b6
b4
b3
b2
b1
b0
b5
Data Byte 1
p4
b6
b5
b4
b3p
b2
b1
b0
p3
b6
b4
b3
b2
b1
b0
b0 b1 b2 b3 b4 b5 b6 p1 b0 b1 b2 b3 b4 b5 b6 p2
b5
Data Byte 2
MSB
b31
b0
Output
direction
LSB
2x data format
Data Byte 3
Data Byte 4
b0
Data Byte 1
p2
b6
b5
b4
b3
b2
b1
b0
p1
b6
b4
b3
b2
b1
b0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
b5
Data Byte 2
MSB
b31
b0
Output
direction
LSB
Fixed to ‘0000000000000001’, if 1x data is received
1x data format
b1 b2 b3 b4 b5 b6 p1
p2
p3
p4
b0 b1 b2 b3 b4 b5 b6
b0 b1 b2 b3 b4 b5 b6
b0 b1 b2 b3 b4 b5 b6


Similar Part No. - LC7454M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7455 SANYO-LC7455 Datasheet
232Kb / 13P
   Closed Caption Signal Extraction IC
LC7455A SANYO-LC7455A Datasheet
232Kb / 13P
   Closed Caption Signal Extraction IC
LC7455M SANYO-LC7455M Datasheet
232Kb / 13P
   Closed Caption Signal Extraction IC
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
   U.S. Closed Caption Signal Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
More results

Similar Description - LC7454M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
logo
STMicroelectronics
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
   ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
logo
STMicroelectronics
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
   24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
logo
STMicroelectronics
ST92195D STMICROELECTRONICS-ST92195D Datasheet
2Mb / 249P
   48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com