Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP532S64P6-C4 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HYMP532S64P6-C4
Description  200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP532S64P6-C4 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HYMP532S64P6-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Rev. 1.0 / Feb. 2005
2
1200pin Unbuffered DDR2 SDRAM SO-DIMMs
SPEED GRADE & KEY PARAMETERS
ADDRESS TABLE
E3 (DDR2-400)
C4 (DDR2-533)
Unit
Speed@CL3
400
400
Mbps
Speed@CL4
400
533
Mbps
Speed@CL5
-
-
Mbps
CL-tRCD-tRP
3-3-3
4-4-4
tCK
Density Organization Ranks
SDRAMs
# of
DRAMs
# of row/bank/column Address
Refresh
Method
256MB
32M x 64
1
32Mb x 16
4
13(A0~A12)/2(BA0~BA1)/10(A0~A9)
8K / 64ms
512MB
64M x 64
2
64Mb x 8
8
14(A0~A13)/2(BA0~BA1)/10(A0~A9)
8K / 64ms
512MB
64M x 64
1
32Mb x 16
8
13(A0~A12)/2(BA0~BA1)/10(A0~A9)
8K / 64ms
1GB
128M x 64
2
64Mb x 8
16
14(A0~A13)/2(BA0~BA1)/10(A0~A9)
8K / 64ms


Similar Part No. - HYMP532S64P6-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP532U646-E3 HYNIX-HYMP532U646-E3 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP532U646-E3/C4 HYNIX-HYMP532U646-E3/C4 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP532U64P6-E3 HYNIX-HYMP532U64P6-E3 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP532U64P6-E3/C4 HYNIX-HYMP532U64P6-E3/C4 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP532S64P6-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD216M646DL6-D43 HYNIX-HYMD216M646DL6-D43 Datasheet
738Kb / 23P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com