Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP532S64P6-C4 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMP532S64P6-C4
Description  200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP532S64P6-C4 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMP532S64P6-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP532S64P6-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Rev. 1.0 / Feb. 2005
4
1200pin Unbuffered DDR2 SDRAM SO-DIMMs
PIN ASSIGNMENT
Pin Location
Pin
NO.
Front
Side
Pin
NO.
Back
Side
Pin
NO.
Front
Side
Pin
NO.
Back
Side
Pin
NO.
Front
Side
Pin
NO.
Back
Side
Pin
NO.
Front
Side
Pin
NO.
Back
Side
1
VREF
2
VSS
51
DQS2
52
DM2
101
A1
102
A0
151
DQ42
152
DQ46
3
VSS
4
DQ4
53
VSS
54
VSS
103
VDD
104
VDD
153
DQ43
154
DQ47
5
DQ0
6
DQ5
55
DQ18
56
DQ22
105
A10/AP
106
BA1
155
VSS
156
VSS
7
DQ1
8
VSS
57
DQ19
58
DQ23
107
BA0
108
RAS
157
DQ48
158
DQ52
9
VSS
10
DM0
59
VSS
60
VSS
109
WE
110
S0
159
DQ49
160
DQ53
11
DQS0
12
VSS
61
DQ24
62
DQ28
111
VDD
112
VDD
161
VSS
162
VSS
13
DQS0
14
DQ6
63
DQ25
64
DQ29
113
CAS
114
ODT0
163 NC,TEST 164
CK1
15
VSS
16
DQ7
65
VSS
66
VSS
115
NC/S1
116
A13
165
VSS
166
CK1
17
DQ2
18
VSS
67
DM3
68
DQS3
117
VDD
118
VDD
167
DQS6
168
VSS
19
DQ3
20
DQ12
69
NC
70
DQS3
119 NC/ODT1 120
NC
169
DQS6
170
DM6
21
VSS
22
DQ13
71
VSS
72
VSS
121
VSS
122
VSS
171
VSS
172
VSS
23
DQ8
24
VSS
73
DQ26
74
DQ30
123
DQ32
124
DQ36
173
DQ50
174
DQ54
25
DQ9
26
DM1
75
DQ27
76
DQ31
125
DQ33
126
DQ37
175
DQ51
176
DQ55
27
VSS
28
VSS
77
VSS
78
VSS
127
VSS
128
VSS
177
VSS
178
VSS
29
DQS1
30
CK0
79
CKE0
80
NC/CKE1 129
DQS4
130
DM4
179
DQ56
180
DQ60
31
DQS1
32
CK0
81
VDD
82
VDD
131
DQS4
132
VSS
181
DQ57
182
DQ61
33
VSS
34
VSS
83
NC
84
NC/A15 133
VSS
134
DQ38
183
VSS
184
VSS
35
DQ10
36
DQ14
85
BA2
86
NC/A14 135
DQ34
136
DQ39
185
DM7
186
DQS7
37
DQ11
38
DQ15
87
VDD
88
VDD
137
DQ35
138
VSS
187
VSS
188
DQS7
39
VSS
40
VSS
89
A12
90
A11
139
VSS
140
DQ44
189
DQ58
190
VSS
41
VSS
42
VSS
91
A9
92
A7
141
DQ40
142
DQ45
191
DQ59
192
DQ62
43
DQ16
44
DQ20
93
A8
94
A6
143
DQ41
144
VSS
193
VSS
194
DQ63
45
DQ17
46
DQ21
95
VDD
96
VDD
145
VSS
146
DQS5
195
SDA
196
VSS
47
VSS
48
VSS
97
A5
98
A4
147
DM5
148
DQS5
197
SCL
198
SA0
49
DQS2
50
NC
99
A3
100
A2
149
VSS
150
VSS
199
VDDSPD 200
SA1
Front
Back
1
39 41
199
2
40
200
42


Similar Part No. - HYMP532S64P6-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP532U646-E3 HYNIX-HYMP532U646-E3 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP532U646-E3/C4 HYNIX-HYMP532U646-E3/C4 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP532U64P6-E3 HYNIX-HYMP532U64P6-E3 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP532U64P6-E3/C4 HYNIX-HYMP532U64P6-E3/C4 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP532S64P6-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD216M646DL6-D43 HYNIX-HYMD216M646DL6-D43 Datasheet
738Kb / 23P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com