Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5192 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN5192
Description  Single chip IC with I2C bus Interface for PAL/NTSC color TV system
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5192 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN5192 Datasheet HTML 6Page - Panasonic Semiconductor AN5192 Datasheet HTML 7Page - Panasonic Semiconductor AN5192 Datasheet HTML 8Page - Panasonic Semiconductor AN5192 Datasheet HTML 9Page - Panasonic Semiconductor AN5192 Datasheet HTML 10Page - Panasonic Semiconductor AN5192 Datasheet HTML 11Page - Panasonic Semiconductor AN5192 Datasheet HTML 12Page - Panasonic Semiconductor AN5192 Datasheet HTML 13Page - Panasonic Semiconductor AN5192 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AN5192K
ICs for TV
10
s Electrical Characteristics at Ta = 25°C (continued)
• Design reference data
Note) The characteristic listed below are theoretical values based on the IC design and are not guaranteed.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIF circuit (Typical input fP = 38.9 MHz, VIN = 90 dBµ)
Input sensitivity
VPS
Input level to become VPO = −3 dB
45
51
dB
µ
Maximum allowable input
VPmax
Input level to become VPO = 1 dB
104
110
dB
µ
SN ratio
SNP
50
53
dB
Differential gain
DGP
03
5
%
Differential phase
DPP
0
3
5
deg
Black noise detection level
∆V
BN
Deference from sync. peak value
−55
−45
−35
IRE
Black noise clamp level
∆V
BNC
Deference from sync. peak value
35
45
35
IRE
RF AGC operation sensitivity
GRF
Input level difference to become
0.5
1.5
3.0
dB
V27 = 1 V→7 V
VCO switch On drift
∆f
PD
Frequency drift from 5 seconds to
100
150
200
kHz
5 mins. after SW On
Intermodulation
IM
VfC − VfP = −2 dB, VfS − VfP = −12 dB
46
52
dB
RF AGC adjustment sensitivity
SRF
Average amount of change of output
1.0
1.7
2.5
V/Step
voltage V27 at Data 1Step
AFT offset adjustment sensitivity
SAFT
Average amount of change of output
0.15
0.2
0.25
V/Step
voltage V30 per Data 1Step
Video detection output fluctuation
∆V
P/V
VCC = ±10%
±10
±15
%
with VCC
Video detection output-temperature
∆V
P/T
Ta = −10°C to +70°C
±5
±10
%
characteristics
Input resistance (pin 24, 25)
RI24, 25
f
= 38.9 MHz
1.2
k
Input capacitance (pin 24, 25)
CI24, 25
f
= 38.9 MHz
4.0
pF
Sound IF output level
VSIF
fS = 38.9 MHz − 6.0 MHz, P/S = 20 dB
94
100
106
dB
µ
VCO control sensitivity
β
P
∆V
41 = ±0.1 V
2.0
2.7
3.5
kHz/mV
VCO control range
fVCO
Free-running frequency change
3.0
4.0
5.0
MHz
width from Data 0D
= 00 to 7F
RF AGC delay-point temperature
∆V
DP/T
Ta = −20°C to +70°C0
3
5
dB
characteristics
VCO free-running frequency
∆f
P/T
Ta = −20°C to +70°C
300
kHz
temperature characteristics
AFT center frequency
∆f
AFT/T
Ta = −20°C to +70°C, input
300
kHz
temperature characteristics
frequency at which AFT output
voltage becomes 4.5 V


Similar Part No. - AN5192

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
AN5195K-C PANASONIC-AN5195K-C Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
More results

Similar Description - AN5192

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
logo
Mitsubishi Electric Sem...
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M51408SP MITSUBISHI-M51408SP Datasheet
1Mb / 25P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
Panasonic Semiconductor
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com