Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMN38EN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMN38EN
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMN38EN Datasheet(HTML) 1 Page - NXP Semiconductors

  PMN38EN Datasheet HTML 1Page - NXP Semiconductors PMN38EN Datasheet HTML 2Page - NXP Semiconductors PMN38EN Datasheet HTML 3Page - NXP Semiconductors PMN38EN Datasheet HTML 4Page - NXP Semiconductors PMN38EN Datasheet HTML 5Page - NXP Semiconductors PMN38EN Datasheet HTML 6Page - NXP Semiconductors PMN38EN Datasheet HTML 7Page - NXP Semiconductors PMN38EN Datasheet HTML 8Page - NXP Semiconductors PMN38EN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
PMN38EN
N-channel TrenchMOS logic level FET
Rev. 01 — 13 January 2006
Product data sheet
s Logic level threshold
s Very fast switching
s Low threshold voltage
s Surface-mounted package
s Battery powered motor control
s Load switch in notebook computers
s High-speed switch in set top box power
supplies
s Driver FET in DC-to-DC converters
s VDS ≤ 30 V
s ID ≤ 5.4 A
s RDSon ≤ 38 mΩ
s Ptot ≤ 1.75 W
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1, 2, 5, 6
drain (D)
SOT457 (TSOP6)
3
gate (G)
4
source (S)
13
2
4
5
6
S
D
G
mbb076


Similar Part No. - PMN38EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN38EN NXP-PMN38EN Datasheet
183Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02-3 October 2007
logo
Nexperia B.V. All right...
PMN38EN NEXPERIA-PMN38EN Datasheet
298Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02 - 3 October 2007
logo
VBsemi Electronics Co.,...
PMN38EN VBSEMI-PMN38EN Datasheet
486Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - PMN38EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com