Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT26DF041-SU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT26DF041-SU
Description  4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF041-SU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT26DF041-SU Datasheet HTML 7Page - ATMEL Corporation AT26DF041-SU Datasheet HTML 8Page - ATMEL Corporation AT26DF041-SU Datasheet HTML 9Page - ATMEL Corporation AT26DF041-SU Datasheet HTML 10Page - ATMEL Corporation AT26DF041-SU Datasheet HTML 11Page - ATMEL Corporation AT26DF041-SU Datasheet HTML 12Page - ATMEL Corporation AT26DF041-SU Datasheet HTML 13Page - ATMEL Corporation AT26DF041-SU Datasheet HTML 14Page - ATMEL Corporation AT26DF041-SU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
3495B–DFLSH–8/05
AT26DF041
9.
Electrical Specifications
Note:
1. After power is applied and VCC is at the minimum specified datasheet value, the system should wait 20 ms before an opera-
tional mode is started.
Table 9-1.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Table 9-2.
DC and AC Operating Range
AT26DF041
Operating Temperature (Case)
Ind.
-40
°C to 85°C
VCC Power Supply
(1)
2.7V to 3.6V
Table 9-3.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SB
Standby Current
CS, WP = V
CC, all inputs at
CMOS levels
210
µA
I
CC1
Active Current, Read
Operation
f = 33 MHz; I
OUT = 0 mA;
V
CC = 3.6V
815
mA
f = 20 MHz; IOUT = 0 mA;
V
CC = 3.6V
410
mA
I
CC2
Active Current,
Program/Erase Operation
V
CC = 3.6V
15
35
mA
I
LI
Input Load Current
V
IN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
I/O = CMOS levels
1
µA
VIL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 1.6 mA; VCC = 2.7V
0.4
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2V
V


Similar Part No. - AT26DF041-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
850Kb / 40P
   8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A-SSU ATMEL-AT26DF081A-SSU Datasheet
603Kb / 36P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A-SSU ATMEL-AT26DF081A-SSU Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results

Similar Description - AT26DF041-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004 Datasheet
605Kb / 37P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF041A ATMEL-AT25DF041A_07 Datasheet
736Kb / 41P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
45DB041B ATMEL-45DB041B Datasheet
233Kb / 33P
   4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com