Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ55LBC173J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55LBC173J
Description  QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ55LBC173J Datasheet(HTML) 1 Page - Texas Instruments

  SNJ55LBC173J Datasheet HTML 1Page - Texas Instruments SNJ55LBC173J Datasheet HTML 2Page - Texas Instruments SNJ55LBC173J Datasheet HTML 3Page - Texas Instruments SNJ55LBC173J Datasheet HTML 4Page - Texas Instruments SNJ55LBC173J Datasheet HTML 5Page - Texas Instruments SNJ55LBC173J Datasheet HTML 6Page - Texas Instruments SNJ55LBC173J Datasheet HTML 7Page - Texas Instruments SNJ55LBC173J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN55LBC173
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SGLS081 – MARCH 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets EIA Standards RS-422-A, RS-423-A,
RS-485, and CCITT V.11
D Designed to Operate With Pulse Durations
as Short as 20 ns
D Designed for Multipoint Bus Transmission
on Long Bus Lines in Noisy Environments
D Input Sensitivity... ±200 mV
D Low-Power Consumption...20 mA Max
D Open-Circuit Fail-Safe Design
D Pin Compatible With SN75173 and
AM26LS32
description
The SN55LBC173 is a monolithic quadruple
differential line receiver with 3-state outputs and is
designed to meet the requirements of the EIA
standards RS-422-A, RS-423-A, RS-485, and
CCITT V.11. This device is optimized for balanced
multipoint bus transmission at data rates up to and
exceeding 10 million bits per second. The four
receivers share two ORed enable inputs, one
active when high, the other active when low. Each
receiver features high input impedance, input
hysteresis for increased noise immunity, and input
sensitivity of
±200 mV over a common-mode input
voltage range of 12 V to –7 V. Fail-safe design
ensures that if the inputs are open circuited, the
output is always high. The SN55LBC173 is
designed using the Texas Instruments proprietary
LinBiCMOS
™ technology that provides low power
consumption,
high
switching
speeds,
and
robustness.
This device offers optimum performance when used with the SN55LBC172M quadruple line driver. The
SN55LBC173 is available in the 16-pin CDIP (J), the 16-pin CPAK (W), or the 20-pin LCCC (FK) packages.
The SN55LBC173 is characterized over the military temperature range of – 55
°C to 125°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
J OR W PACKAGE
(TOP VIEW)
NC – No internal connection
FK PACKAGE
(TOP VIEW)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
4A
4Y
NC
G
3Y
1Y
G
NC
2Y
2A
LinBiCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - SNJ55LBC173J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55LBC173J TI-SNJ55LBC173J Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173J TI-SNJ55LBC173J Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
More results

Similar Description - SNJ55LBC173J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-HIREL TI1-SN55LBC173-HIREL Datasheet
190Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173_07 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI-SN55LBC175_04 Datasheet
321Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com