Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1007CDA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007CDA
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007CDA Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS1007CDA Datasheet HTML 5Page - Texas Instruments THS1007CDA Datasheet HTML 6Page - Texas Instruments THS1007CDA Datasheet HTML 7Page - Texas Instruments THS1007CDA Datasheet HTML 8Page - Texas Instruments THS1007CDA Datasheet HTML 9Page - Texas Instruments THS1007CDA Datasheet HTML 10Page - Texas Instruments THS1007CDA Datasheet HTML 11Page - Texas Instruments THS1007CDA Datasheet HTML 12Page - Texas Instruments THS1007CDA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 9
20
30
40
50
60
70
80
90
0
123
4
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY (SINGLE-ENDED)
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MSPS, AIN = –1 dB FS
fi – Input Frequency – MHz
Figure 10
20
30
40
50
60
70
80
0
123
4
SIGNAL-TO-NOISE AND DISTORTION
vs
INPUT FREQUENCY (SINGLE-ENDED)
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MSPS, AIN = –1 dB FS
fi – Input Frequency – MHz
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SPURIOUS FREE DYNAMIC RANGE
vs
INPUT FREQUENCY (SINGLE-ENDED)
fi – Input Frequency – MHz
Figure 11
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MSPS, AIN = –1 dB FS
Figure 12
SIGNAL-TO-NOISE
vs
INPUT FREQUENCY (SINGLE-ENDED)
20
25
30
35
40
45
50
55
60
65
70
75
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MSPS, AIN = –1 dB FS
fi – Input Frequency – MHz


Similar Part No. - THS1007CDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1007CDA TI1-THS1007CDA Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007CDAG4 TI1-THS1007CDAG4 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS1007CDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1050 TI-THS1050 Datasheet
397Kb / 20P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS1060 TI-THS1060 Datasheet
353Kb / 21P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com