Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPC850DEZT50BU Datasheet(PDF) 10 Page - Motorola, Inc

Part # XPC850DEZT50BU
Description  Communications Controller Hardware Specifications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XPC850DEZT50BU Datasheet(HTML) 10 Page - Motorola, Inc

Back Button XPC850DEZT50BU Datasheet HTML 6Page - Motorola, Inc XPC850DEZT50BU Datasheet HTML 7Page - Motorola, Inc XPC850DEZT50BU Datasheet HTML 8Page - Motorola, Inc XPC850DEZT50BU Datasheet HTML 9Page - Motorola, Inc XPC850DEZT50BU Datasheet HTML 10Page - Motorola, Inc XPC850DEZT50BU Datasheet HTML 11Page - Motorola, Inc XPC850DEZT50BU Datasheet HTML 12Page - Motorola, Inc XPC850DEZT50BU Datasheet HTML 13Page - Motorola, Inc XPC850DEZT50BU Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
10
MPC850 (Rev. A/B/C) Hardware Specifications
MOTOROLA
Part V Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from the equation:
TJ = TA + (P
D θJA)
(1)
where
T
A
= Ambient temperature,
°C
θ
JA
= Package thermal resistance, junction to ambient,
°C/W
Input low voltage
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7*(VCC)
VCC+0.3
V
Input leakage current, Vin = 5.5 V (Except TMS, TRST, DSCK
and DSDI pins)
Iin
100
µA
Input leakage current, Vin = 3.6V (Except TMS, TRST, DSCK
and DSDI pins)
IIn
—10
µA
Input leakage current, Vin = 0V (Except TMS, TRST, DSCK and
DSDI pins)
IIn
—10
µA
Input capacitance
Cin
—20
pF
Output high voltage, IOH = -2.0 mA, VDDH = 3.0V
except XTAL, XFC, and open-drain pins
VOH
2.4
V
Output low voltage
IOL = 2.0 mA CLKOUT
IOL = 3.2 mA 1
IOL = 5.3 mA 2
IOL = 7.0 mA PA[14]/USBOE, PA[12]/TXD2
IOL = 8.9 mA TS, TA, TEA, BI, BB, HRESET, SRESET
VOL
0.5
V
1 A[6:31], TSIZ0/REG, TSIZ1, D[0:31], DP[0:3]/IRQ[3:6], RD/WR, BURST, RSV/IRQ2, IP_B[0:1]/IWP[0:1]/VFLS[0:1],
IP_B2/IOIS16_B/AT2, IP_B3/IWP2/VF2, IP_B4/LWP0/VF0, IP_B5/LWP1/VF1, IP_B6/DSDI/AT0, IP_B7/PTR/AT3,
PA[15]/USBRXD, PA[13]/RXD2, PA[9]/L1TXDA/SMRXD2, PA[8]/L1RXDA/SMTXD2,
PA[7]/CLK1/TIN1/L1RCLKA/BRGO1, PA[6]/CLK2/TOUT1/TIN3, PA[5]/CLK3/TIN2/L1TCLKA/BRGO2,
PA[4]/CLK4/TOUT2/TIN4, PB[31]/SPISEL, PB[30]/SPICLK/TXD3, PB[29]/SPIMOSI /RXD3,
PB[28]/SPIMISO/BRGO3, PB[27]/I2CSDA/BRGO1, PB[26]/I2CSCL/BRGO2, PB[25]/SMTXD1/TXD3,
PB[24]/SMRXD1/RXD3, PB[23]/SMSYN1/SDACK1, PB[22]/SMSYN2/SDACK2, PB[19]/L1ST1,
PB[18]/RTS2/L1ST2, PB[17]/L1ST3, PB[16]/L1RQa/L1ST4, PC[15]/DREQ0/L1ST5, PC[14]/DREQ1/RTS2/L1ST6,
PC[13]/L1ST7/RTS3, PC[12]/L1RQa/L1ST8, PC[11]/USBRXP, PC[10]/TGATE1/USBRXN, PC[9]/CTS2,
PC[8]/CD2/TGATE1, PC[7]/USBTXP, PC[6]/USBTXN, PC[5]/CTS3/L1TSYNCA/SDACK1, PC[4]/CD3/L1RSYNCA,
PD[15], PD[14], PD[13], PD[12], PD[11], PD[10], PD[9], PD[8], PD[7], PD[6], PD[5], PD[4], PD[3]
2 BDIP/GPL_B5, BR, BG, FRZ/IRQ6, CS[0:5], CS6/CE1_B, CS7/CE2_B, WE0/BS_AB0/IORD, WE1/BS_AB1/IOWR,
WE2/BS_AB2/PCOE, WE3/BS_AB3/PCWE, GPL_A0/GPL_B0, OE/GPL_A1/GPL_B1,
GPL_A[2:3]/GPL_B[2:3]/CS[2:3], UPWAITA/GPL_A4/AS, UPWAITB/GPL_B4, GPL_A5, ALE_B/DSCK/AT1,
OP2/MODCK1/STS, OP3/MODCK2/DSDO
Table 4-5. DC Electrical Specifications (continued)
Characteristic
Symbol
Min
Max
Unit


Similar Part No. - XPC850DEZT50BU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XPC850DEZT50BU NXP-XPC850DEZT50BU Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Freescale Semiconductor...
XPC850DEZT50BU FREESCALE-XPC850DEZT50BU Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
More results

Similar Description - XPC850DEZT50BU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
   Communications Controller Hardware Specifications
logo
NXP Semiconductors
MPC850EC NXP-MPC850EC Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Fujitsu Component Limit...
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
   Graphics Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
MPC8555E FREESCALE-MPC8555E Datasheet
1Mb / 88P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
[Old version datasheet]   PowerQUICC II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com