Selected language     English  ▼


F-129G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. F-129G
Description  High Frequency Data Line Filter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
PARAMETER
UNITS
(1) Inductance
85.0 Min.
µH
(1) Leakage Inductance
0.25 Max.
µH
(1) Interwinding Capacitance
12 Max.
pF
Primary DC Resistance
0.30 Max.
Isolation (HI-POT)
500 Min.
V
RMS
SRF (Ref.)
20
MHz
Insulation Resistance
10k Min.
M
Power Rating
250
mW
Crosstalk 60 dB @ 5 MHz Nominal
50 dB @ 10 MHz Nominal
Longitudinal Conversion Loss
0 - 300KHz
56 dB Min.
300 KHz - 500KHz 52 db Min.
500 KHz - 1MHz
46 dB Min.
1MHz - 5 MHz
36 db Min.
Operating Temperature Range -40OC TO +85OC
Storage Temperature Range -55OC TO +125OC
1/25/01
High Frequency
Data Line Filter
3 Coils 6 Data Lines
Schematic Diagram
F-129G
Turns ratio 1:1 + 0%
Current Rating: 100mA
1Tested at 100KHz and 500 mV
RMS
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.205
(5.21)
MAX.
.015
(0.38)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.885
(22.48)
MAX.
Dimensions in inches (mm)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML2111Universal Dual High Frequency Filter 1 2 3 4 5 MoreMicro Linear Corporation
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
LTC1064-3Low Noise High frequency 8th Order Linear Phase Lowpass Filter 1 2 3 4 5 MoreLinear Technology
MMBR930The RF Line NPN Silicon High Frequency Transistor 1 Motorola, Inc
MMBR930LThe RF Line NPN Silicon High Frequency Transistor 1 Motorola, Inc
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
MMBR931The RF Line NPN Silicon High Frequency Transistor 1 Motorola, Inc
MMBR931LT3The RF Line NPN Silicon High Frequency Transistor 1 Motorola, Inc
485ELCHIGH SPEED ETHERNET DATA LINE PROTECTOR 1 2 3 Protek Devices
LT1568Very Low Noise High Frequency Active RC Filter Building Block 1 2 3 4 5 MoreLinear Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl