Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W964B6BBN80E Datasheet(PDF) 10 Page - Winbond

Part # W964B6BBN80E
Description  1M WORD X 16BIT LOW POWER PSEUDO SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W964B6BBN80E Datasheet(HTML) 10 Page - Winbond

Back Button W964B6BBN80E Datasheet HTML 6Page - Winbond W964B6BBN80E Datasheet HTML 7Page - Winbond W964B6BBN80E Datasheet HTML 8Page - Winbond W964B6BBN80E Datasheet HTML 9Page - Winbond W964B6BBN80E Datasheet HTML 10Page - Winbond W964B6BBN80E Datasheet HTML 11Page - Winbond W964B6BBN80E Datasheet HTML 12Page - Winbond W964B6BBN80E Datasheet HTML 13Page - Winbond W964B6BBN80E Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
W964B6BBN
Read Operation, Continued
Notes:
*1: The output load is 30 pF.
*2: The output load is 5 pF.
*3: The tCE is applicable if OE is brought to Low before CE1 goes Low and is also applicable if actual value of both or
either tASO or tCLOL is shorter than specified value.
*4: Applicable if OE is brought to Low before CE1 goes Low.
*5: The tASO, tCLOL(min.) and tOP(min.) are reference values when the access time is determined by tOE. If actual value of
each parameter is shorter than specified minimum value, tOE become longer by the amount of subtracting actual
value from specified minimum value.
For example, if actual tASO, tASO(actual), is shorter than specified minimum value, tASO(min), during OE control
access (ie., CE1 stays Low), the tOE become tOE(max.) + tASO(min.) - tASO(actual).
*6: The tASO[ABS] and tOP[ABS] is the absolute minimum value during OE control access.
*7: If actual value of either tCLOL or tOP is shorter than specified minimum value, both tOLAH and tOLCH become tRC(min.) -
tCLOL(actual) or tRC(min.) - tOP(actual).
*8: Maximum value is applicable if CE1 is kept at low.
- 10 -


Similar Part No. - W964B6BBN80E

ManufacturerPart #DatasheetDescription
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70 WINBOND-W963A6BBN70 Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70E WINBOND-W963A6BBN70E Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70I WINBOND-W963A6BBN70I Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN80 WINBOND-W963A6BBN80 Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results

Similar Description - W964B6BBN80E

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963L6ABN WINBOND-W963L6ABN Datasheet
1Mb / 30P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Renesas Technology Corp
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com