Electronic Components Datasheet Search |
|
XPC850ZT66BU Datasheet(PDF) 5 Page - Motorola, Inc |
|
XPC850ZT66BU Datasheet(HTML) 5 Page - Motorola, Inc |
5 / 76 page MOTOROLA MPC850 (Rev. A/B/C) Hardware Specifications 5 — Selectable write protection — On-chip bus arbiter supports one external bus master — Special features for burst mode support • General-purpose timers — Four 16-bit timers or two 32-bit timers — Gate mode can enable/disable counting — Interrupt can be masked on reference match and event capture • Interrupts — Eight external interrupt request (IRQ) lines — Twelve port pins with interrupt capability — Fifteen internal interrupt sources — Programmable priority among SCCs and USB — Programmable highest-priority request • Single socket PCMCIA-ATA interface — Master (socket) interface, release 2.1 compliant — Single PCMCIA socket — Supports eight memory or I/O windows • Communications processor module (CPM) — 32-bit, Harvard architecture, scalar RISC communications processor (CP) — Protocol-specific command sets (for example, GRACEFUL STOP TRANSMIT stops transmission after the current frame is finished or immediately if no frame is being sent and CLOSE RXBD closes the receive buffer descriptor) — Supports continuous mode transmission and reception on all serial channels — Up to 8 Kbytes of dual-port RAM — Twenty serial DMA (SDMA) channels for the serial controllers, including eight for the four USB endpoints — Three parallel I/O registers with open-drain capability • Four independent baud-rate generators (BRGs) — Can be connected to any SCC, SMC, or USB — Allow changes during operation — Autobaud support option • Two SCCs (serial communications controllers) — Ethernet/IEEE 802.3, supporting full 10-Mbps operation — HDLC/SDLC™ (all channels supported at 2 Mbps) — HDLC bus (implements an HDLC-based local area network (LAN)) |
Similar Part No. - XPC850ZT66BU |
|
Similar Description - XPC850ZT66BU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |