Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W964B6BBN80I Datasheet(PDF) 7 Page - Winbond

Part # W964B6BBN80I
Description  1M WORD X 16BIT LOW POWER PSEUDO SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W964B6BBN80I Datasheet(HTML) 7 Page - Winbond

Back Button W964B6BBN80I Datasheet HTML 3Page - Winbond W964B6BBN80I Datasheet HTML 4Page - Winbond W964B6BBN80I Datasheet HTML 5Page - Winbond W964B6BBN80I Datasheet HTML 6Page - Winbond W964B6BBN80I Datasheet HTML 7Page - Winbond W964B6BBN80I Datasheet HTML 8Page - Winbond W964B6BBN80I Datasheet HTML 9Page - Winbond W964B6BBN80I Datasheet HTML 10Page - Winbond W964B6BBN80I Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
W964B6BBN
8. ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUE
UNIT
Voltage of VDD Supply Relative to VSS
VDD
-0.5 to +3.6
V
Voltage at Any Pin Relative to VSS
VIN, VOUT
-0.5 to +3.6
V
Short Circuit Output Current
IOUT
±50
mA
Storage Temperature
TSTG
-55 to +125
°C
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Recommended Operation Conditions
(Reference to VSS)
PARAMETER
NOTES
SYMBOL
MIN.
MAX.
UNIT
VDD
2.3
2.7
V
Supply Voltage
VSS
0
0
V
High Level Input Voltage
*1
VIH
2.0
VDD +0.3
V
Low Level Input Voltage
*2
VIL
-0.3
0.4
V
Ambient Temperature
TA
0
70
°C
Ambient Temperature
TA
-25
85
°C
Ambient Temperature
TA
-40
85
°C
Notes:
*1: Maximum DC voltage on input and I/O pins are VDD +0.3V. During voltage transitions, inputs may positive overshoot to
VDD +1.0V for periods of up to 5 nS.
*2: Minimum DC voltage on input and I/O pins are -0.3V. During voltage transitions, inputs may negative overshoot to -
1.0V for periods of up to 5 nS.
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All
the device’s electrical characteristics are warranted when operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the datasheet. Users considering application outside the listed conditions are advised to contact their
Winbond representative beforehand.
Publication Release Date: March 31, 2003
- 7 -
Revision A1


Similar Part No. - W964B6BBN80I

ManufacturerPart #DatasheetDescription
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70 WINBOND-W963A6BBN70 Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70E WINBOND-W963A6BBN70E Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70I WINBOND-W963A6BBN70I Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN80 WINBOND-W963A6BBN80 Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results

Similar Description - W964B6BBN80I

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963L6ABN WINBOND-W963L6ABN Datasheet
1Mb / 30P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Renesas Technology Corp
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com