Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT62L6416MC-70LE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT62L6416MC-70LE
Description  64K X 16 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT62L6416MC-70LE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT62L6416MC-70LE Datasheet HTML 1Page - List of Unclassifed Manufacturers UT62L6416MC-70LE Datasheet HTML 2Page - List of Unclassifed Manufacturers UT62L6416MC-70LE Datasheet HTML 3Page - List of Unclassifed Manufacturers UT62L6416MC-70LE Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L6416MC-70LE Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L6416MC-70LE Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L6416MC-70LE Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L6416MC-70LE Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L6416MC-70LE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UTRON
UT62L6416
Preliminary Rev. 0.1
64K X 16 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80073
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882
FAX: 886-3-5777919
1
FEATURES
Fast access time :
55ns(max) for Vcc=3.0V~3.6V
70/100ns(max) for Vcc=2.7V~3.6V
CMOS Low operating power
Operating current: 45/35/25mA (Icc max)
Standby current: 20 uA(TYP.) L-version
3 uA(TYP.) LL-version
Single 2.7V~3.6V power supply
Operating temperature:
Commercial : 0℃~70℃
Extended : -20℃~80℃
All inputs and outputs TTL compatible
Fully static operation
Three state outputs
Data retention voltage: 1.5V (min)
Data byte control : LB (I/O1~I/O8)
UB (I/O9~I/O16)
Package : 44-pin 400mil TSOPⅡ
48-pin 6mm × 8mm TFBGA
FUNCTIONAL BLOCK DIAGRAM
MEMORY ARRAY
1024 Rows x 64 Columns x 16 bits
COLUMN I/O
COLUMN DECODER
I/O
CONTROL
LOGIC
CONTROL
I/O1
VSS
VCC
I/O16
.
.
.
.
..
. .
.
A10
A11
A5
...
...
A9
ROW
DECODER
A0
A1
A2
A3
A4
A8
A12
A13
A14
A15
A7 A6
LB
UB
WE
OE
CE
GENERAL DESCRIPTION
The UT62L6416 is a 1,048,576-bit low power
CMOS static random access memory organized
as 65,536 words by 16 bits.
The UT62L6416 operates from a single 2.7V ~
3.6V power supply and all inputs and outputs are
fully TTL compatible.
The UT62L6416 is design for upper and low byte
access by data byte control( UB LB ).
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A15
Address Inputs
I/O1 - I/O16
Data Inputs/Outputs
CE
Chip Enable Input
WE
Write Enable Input
OE
Output Enable Input
LB
Lower-Byte Control
UB
High-Byte Control
VCC
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - UT62L6416MC-70LE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-35L ETC-UT62L1024LC-35L Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-35LL ETC-UT62L1024LC-35LL Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-55L ETC-UT62L1024LC-55L Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-55LL ETC-UT62L1024LC-55LL Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - UT62L6416MC-70LE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416_16 Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C1016 ETC2-AS6C1016 Datasheet
449Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_17 Datasheet
796Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416 Datasheet
179Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com