Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPC850CZT80B Datasheet(PDF) 6 Page - Motorola, Inc

Part # XPC850CZT80B
Description  Communications Controller Hardware Specifications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XPC850CZT80B Datasheet(HTML) 6 Page - Motorola, Inc

Back Button XPC850CZT80B Datasheet HTML 2Page - Motorola, Inc XPC850CZT80B Datasheet HTML 3Page - Motorola, Inc XPC850CZT80B Datasheet HTML 4Page - Motorola, Inc XPC850CZT80B Datasheet HTML 5Page - Motorola, Inc XPC850CZT80B Datasheet HTML 6Page - Motorola, Inc XPC850CZT80B Datasheet HTML 7Page - Motorola, Inc XPC850CZT80B Datasheet HTML 8Page - Motorola, Inc XPC850CZT80B Datasheet HTML 9Page - Motorola, Inc XPC850CZT80B Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
6
MPC850 (Rev. A/B/C) Hardware Specifications
MOTOROLA
— Asynchronous HDLC to support PPP (point-to-point protocol)
— AppleTalk®
— Universal asynchronous receiver transmitter (UART)
— Synchronous UART
— Serial infrared (IrDA)
— Totally transparent (bit streams)
— Totally transparent (frame based with optional cyclic redundancy check (CRC))
QUICC multichannel controller (QMC) microcode features
— Up to 64 independent communication channels on a single SCC
— Arbitrary mapping of 0–31 channels to any of 0–31 TDM time slots
— Supports either transparent or HDLC protocols for each channel
— Independent TxBDs/Rx and event/interrupt reporting for each channel
One universal serial bus controller (USB)
— Supports host controller and slave modes at 1.5 Mbps and 12 Mbps
Two serial management controllers (SMCs)
— UART
— Transparent
— General circuit interface (GCI) controller
— Can be connected to the time-division-multiplexed (TDM) channel
One serial peripheral interface (SPI)
— Supports master and slave modes
— Supports multimaster operation on the same bus
One I2C® (interprocessor-integrated circuit) port
— Supports master and slave modes
— Supports multimaster environment
Time slot assigner
— Allows SCCs and SMCs to run in multiplexed operation
— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate,
user-defined
— 1- or 8-bit resolution
— Allows independent transmit and receive routing, frame syncs, clocking
— Allows dynamic changes
— Can be internally connected to four serial channels (two SCCs and two SMCs)
Low-power support


Similar Part No. - XPC850CZT80B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XPC850CZT80B MOTOROLA-XPC850CZT80B Datasheet
408Kb / 68P
   Communications Controller Hardware Specifications
logo
NXP Semiconductors
XPC850CZT80B NXP-XPC850CZT80B Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Freescale Semiconductor...
XPC850CZT80B FREESCALE-XPC850CZT80B Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
More results

Similar Description - XPC850CZT80B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
   Communications Controller Hardware Specifications
logo
NXP Semiconductors
MPC850EC NXP-MPC850EC Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Fujitsu Component Limit...
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
   Graphics Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
MPC8555E FREESCALE-MPC8555E Datasheet
1Mb / 88P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
[Old version datasheet]   PowerQUICC II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com