Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFT033-09R0 Datasheet(PDF) 1 Page - TDK Electronics

Part # CFT033-09R0
Description  DC to DC Converters Distributed Power Supplies for Systems, Insulation Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CFT033-09R0 Datasheet(HTML) 1 Page - TDK Electronics

  CFT033-09R0 Datasheet HTML 1Page - TDK Electronics CFT033-09R0 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
003-01 / 20051203 / ea399_cf.fm
• All specifications are subject to change without notice.
DC to DC Converters
Distributed Power Supplies for Systems, Insulation Type
CF Series CFP10W/CFR15W/CFT30W Types
FEATURES
• This is an insulated onboard type product delivering among the
best efficiency in the industry.
This product delivers an efficiency of 91% (30W products) owing
to our unique synchronous rectification circuitry.
• This is an SMD onboard type, offering the lowest height profiles
in the industry. By optimizing mounting methods, we have been
able to achieve a thickness of only 4.0mm (10W).
• Wide operating temperature range from –40 to +85°C with natu-
ral air cooling (No derating).
• Wide input voltage range (DC.36 to 75V)
• Parallel operation is possible.
• Remote ON-OFF function.
• Various protective functions(output overvoltage protection,
output overcurrent protection and output undervoltage
protection)
• Alarm signal output function.
• It is lead-free compatible.
• It is a product conforming to RoHS directive.
PRODUCT IDENTIFICATION
(1) Series name (CFP: 10W, CFR: 15W, CFT: 30W type)
(2) Rated output voltage
(3) Rated output current
PART NUMBERS AND RATINGS
SPECIFICATIONS AND STANDARDS
1 Please note that the maximum output voltage will vary depending on the output voltage. Provisions for derating due to the ambient temperature are not
required(100% at +85°C).
2 Recovery can be achieved by re-applying input or by operating the on/off control on the remote (after an interval of about 1 sec.).
Conformity to RoHS Directive
CFP
033 3R0
(1)
(2)
(3)
Output voltage
(V)
10W Type
15W Type
30W Type
Current(A)
Part No.
Current(A)
Part No.
Current(A)
Part No.
5
2
CFP050-2R0
3
CFR050-3R0
3.3
3
CFP033-3R0
4.5
CFR033-4R5
9
CFT033-09R0
2.5
3
CFP025-3R0
4.5
CFR025-4R5
1.8
3
CFP018-3R0
4.5
CFR018-4R5
1.5
5.2
CFR015-5R2
Type
CFP10W
CFR15W
CFT30W
Input voltage Edc
V
36 to 60[Continuation]/
75[Transient 10ms]
36 to 60[Continuation]/
75[Transient 10ms]
36 to 60[Continuation]/
75[Transient 10ms]
Output voltage Edc
V
1.5, 1.8, 2.5, 3.3, 5, 5.2
1.5, 1.8, 2.5, 3.3, 5
3.3
Maximum output power1
W
101530
Efficiency
%
88typ.[3.3V output]
89typ.[3.3V output]
91typ.[3.3V output]
Ripple noise Ep-p
mV
50max.
50max.
50max.
Start up time
ms
50typ.
50typ.
50typ.
Overvoltage protection2
Yes(Output voltage shut-down type)
Overcurrent protection2
Yes(Output voltage shut-down type)
Alarm output
Yes
Overheat protection
No
Remote ON-OFF
Yes
Remote sensing
No
Parallel operation
Possible
Output voltage external variable function
No
Safety standards
UL60950, CSA C22.2 No.60950(C-UL)
External dimensions
mm
4.3
×27.2×37.3[H×W×L]
4.3
×31.2×37.3[H×W×L]
4.5
×42.4×45[H×W×L]
Weight
g
8typ.
8typ.
17typ.
Mounting method
Mounted from the terminal side (soldered).
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - CFT033-09R0

ManufacturerPart #DatasheetDescription
logo
Bertech.
CFT BERTECH-CFT Datasheet
435Kb / 1P
   Copper Conductive Tape RoHS & REACH Compliant
logo
Luminus, Inc
CFT-90-CG LUMINUS-CFT-90-CG Datasheet
1Mb / 13P
   Converted Green High Brightness Green LED
CFT-90-CG-L11-G100 LUMINUS-CFT-90-CG-L11-G100 Datasheet
1Mb / 13P
   Converted Green High Brightness Green LED
CFT-90-W LUMINUS-CFT-90-W Datasheet
1Mb / 13P
   Specialty White LED
CFT-90-WCS-X11-UA600 LUMINUS-CFT-90-WCS-X11-UA600 Datasheet
1Mb / 13P
   Specialty White LED
More results

Similar Description - CFT033-09R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DHS50A ETC2-DHS50A Datasheet
230Kb / 12P
   DC-DC Converters Power Module type
CBS502412 ETC2-CBS502412 Datasheet
268Kb / 10P
   DC-DC Converters Power Module type
DBS400B24 ETC2-DBS400B24 Datasheet
268Kb / 8P
   DC-DC Converters Power Module type
DBS700B28 ETC2-DBS700B28 Datasheet
268Kb / 8P
   DC-DC Converters Power Module type
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
Shenzhen Huazhimei Semi...
HM1593 HMSEMI-HM1593 Datasheet
984Kb / 7P
   Distributed Power Systems
logo
International Rectifier
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
   Power MOSFET for DC-DC Converters
IRF8721PBF IRF-IRF8721PBF_15 Datasheet
235Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF7822 IRF-IRF7822 Datasheet
71Kb / 6P
   Power MOSFET for DC-DC Converters
IRF8714PBF IRF-IRF8714PBF_15 Datasheet
256Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com