Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-80 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLL620-80
Description  Low Phase Noise XO (9.5-65MHz Output)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLL620-80 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLL620-80 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL620-80 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL620-80 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL620-80 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLL620-80 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLL620-80 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLL620-80 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLL620-80
Low Phase Noise XO (9.5-65MHz Output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 11/09/04 Page 2
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
*
Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Fundamental
19
65
MHz
Crystal Loading Rating
CL (xtal)
Die
8*
pF
Interelectrode Capacitance
C0
5
pF
Recommended ESR
RE
AT cut
30
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific
limits.
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded Outputs)
IDD
PECL/LVDS/CMOS
100/80/40
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit Current
±50
mA


Similar Part No. - PLL620-80

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
PLL620-80DC PLL-PLL620-80DC Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
PLL620-80DI PLL-PLL620-80DI Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
More results

Similar Description - PLL620-80

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-88 PLL-PLL620-88 Datasheet
200Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABX2088 ABRACON-ABX2088 Datasheet
67Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
03/21/05
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
03/21/05
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
PhaseLink Corporation
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (27MHz to 65MHz)
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com