Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL12009DX-ES Datasheet(PDF) 9 Page - International Rectifier

Part # AFL12009DX-ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL12009DX-ES Datasheet(HTML) 9 Page - International Rectifier

Back Button AFL12009DX-ES Datasheet HTML 3Page - International Rectifier AFL12009DX-ES Datasheet HTML 4Page - International Rectifier AFL12009DX-ES Datasheet HTML 5Page - International Rectifier AFL12009DX-ES Datasheet HTML 6Page - International Rectifier AFL12009DX-ES Datasheet HTML 7Page - International Rectifier AFL12009DX-ES Datasheet HTML 8Page - International Rectifier AFL12009DX-ES Datasheet HTML 9Page - International Rectifier AFL12009DX-ES Datasheet HTML 10Page - International Rectifier AFL12009DX-ES Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.irf.com
9
AFL50XXS Series
General Application Information
Table 1. Nominal Resistance of Cu Wire
The AFL50XXS series of converters are capable of pro-
viding large transient currents to user loads on demand.
Because the nominal input voltage range in this series is
relatively low, the resulting input current demands will be
correspondingly large. It is important therefore, that the line
impedance be kept very low to prevent steady state and
transient input currents from degrading the supply voltage
between the voltage source and the converter input. In
applications requiring high static currents and large tran-
sients, it is recommended that the input leads be made of
adequate size to minimize resistive losses, and that a good
quality capacitor of approximately100
µfd be connected di-
rectly across the input terminals to assure an adequately
low impedance at the input terminals. Table I relates nomi-
nal resistance values and selected wire sizes.
Wire Size, AWG
Resistance per ft
24 Ga
25.7 m
22 Ga
16.2 m
20 Ga
10.1 m
18 Ga
6.4 m
16 Ga
4.0 m
14 Ga
2.5 m
12 Ga
1.6 m
Incorporation of a 100 µfd capacitor at the input terminals
is recommended as compensation for the dynamic ef-
fects of the parasitic resistance of the input cable reacting
with the complex impedance of the converter input, and to
provide an energy reservoir for transient input current
requirements.
Figure VI. Problems of Parasitic Resistance in input Leads
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
R
p
R
p
I
Rtn
I
in
e
source
System Ground
e
Rtn
100
µfd
(See text)


Similar Part No. - AFL12009DX-ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL12009S IRF-AFL12009S Datasheet
125Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL12009S IRF-AFL12009S Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12009SW IRF-AFL12009SW Datasheet
215Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12009SW/CH IRF-AFL12009SW/CH Datasheet
215Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12009SW/ES IRF-AFL12009SW/ES Datasheet
215Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL12009DX-ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com