Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL5012DX-ES Datasheet(PDF) 1 Page - International Rectifier

Part # AFL5012DX-ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5012DX-ES Datasheet(HTML) 1 Page - International Rectifier

  AFL5012DX-ES Datasheet HTML 1Page - International Rectifier AFL5012DX-ES Datasheet HTML 2Page - International Rectifier AFL5012DX-ES Datasheet HTML 3Page - International Rectifier AFL5012DX-ES Datasheet HTML 4Page - International Rectifier AFL5012DX-ES Datasheet HTML 5Page - International Rectifier AFL5012DX-ES Datasheet HTML 6Page - International Rectifier AFL5012DX-ES Datasheet HTML 7Page - International Rectifier AFL5012DX-ES Datasheet HTML 8Page - International Rectifier AFL5012DX-ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
07/09/02
www.irf.com
1
ADVANCED ANALOG
HIGH RELIABILITY
HYBRID DC/DC CONVERTERS
AFL50XXS SERIES
The AFL Series of DC/DC converters feature high power
density with no derating over the full military tempera-
ture range. This series is offered as part of a complete
family of converters providing single and dual output
voltages and operating from nominal +28, +50, +120 or
+270 volt inputs with output power ranging from 80 to
120 watts. For applications requiring higher output
power, individual converters can be operated in paral-
lel. The internal current sharing circuits assure equal
current distribution among the paralleled converters. This
series incorporates Advanced Analog’s proprietary mag-
netic pulse feedback technology providing optimum
dynamic line and load regulation response. This feed-
back system samples the output voltage at the pulse
width modulator fixed clock frequency, nominally 550
KHz. Multiple converters can be synchronized to a sys-
tem clock in the 500 KHz to 700 KHz range or to the
synchronization output of one converter. Undervoltage
lockout, primary and secondary referenced inhibit, soft-
start and load fault protection are provided on all mod-
els.
These converters are hermetically packaged in two en-
closure variations, utilizing copper core pins to mini-
mize resistive DC losses. Three lead styles are avail-
able, each fabricated with Advanced Analog’s rugged
ceramic lead-to-package seal assuring long term
hermeticity in the most harsh environments.
Description
n 30 To 80 Volt Input Range
n 3.3, 5, 8, 9 12, 15, 24 and 28 Volts Outputs
Available
n High Power Density - up to 84 W / in3
n Up To 120 Watt Output Power
n Parallel Operation with Stress and Current
Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feedthru Copper Core Pins
n High Efficiency - to 85%
n Full Military Temperature Range
n Continuous Short Circuit and Overload
Protection
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 40 dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Dual Output Versions Available
n Standard Military Drawings Available
Features
AFL
50V Input, Single Output
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are available in four screening
grades to satisfy a wide range of requirements. The CH
grade is fully compliant to the requirements of MIL-H-
38534 for class H. The HB grade is fully processed and
screened to the class H requirement, may not neces-
sarily meet all of the other MIL-PRF-38534 requirements,
e.g., element evaluation and Periodic Inspection (P.I.)
not required. Both grades are tested to meet the com-
plete group “A” test specification over the full military
temperature range without output power deration.
Two grades with more limited screening are also
available for use in less demanding applications.
Variations in electrical, mechanical and screen-
ing can be accommodated. Contact Advanced
Analog for special requirements.
PD - 94457A


Similar Part No. - AFL5012DX-ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5012DXES IRF-AFL5012DXES Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5012DXES IRF-AFL5012DXES Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5012DXES IRF-AFL5012DXES Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5012DXES IRF-AFL5012DXES Datasheet
229Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5012DXES IRF-AFL5012DXES Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL5012DX-ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com