Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5276 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN5276
Description  5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5276 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN5276 Datasheet HTML 1Page - Panasonic Semiconductor AN5276 Datasheet HTML 2Page - Panasonic Semiconductor AN5276 Datasheet HTML 3Page - Panasonic Semiconductor AN5276 Datasheet HTML 4Page - Panasonic Semiconductor AN5276 Datasheet HTML 5Page - Panasonic Semiconductor AN5276 Datasheet HTML 6Page - Panasonic Semiconductor AN5276 Datasheet HTML 7Page - Panasonic Semiconductor AN5276 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICs for Audio Common Use
AN5276
s Electrical Characteristics at VCC = 19 V, f = 1 kHz, RL = 8 Ω, Ta = 25 °C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent current
ICQ
VIN = 0 mV
35
70
mA
Output end noise voltage *
1
VNO
No input, Rg = 10 kΩ
0.22
0.4
mV
Voltage gain
GV
VIN = 57 mV
32
34
36
dB
Total harmonic distortion
THD
VIN = 57 mV
0.2
0.4
%
Maximum Output Power
PO
VCC = 22 V, THD = 10 %
5.6
7.0
W
Maximum Output power
PO
VCC = 19 V, THD = 10 %
4.0
5.0
W
Ripple rejection ratio *
1
RR
Vr = 1 Vrms
45
55
dB
fr = 120 Hz, Rg = 10 kΩ
Channel balance
CB
VIN = 57 mV
−1.0
0
1.0
dB
Muting Ratio
MR
VIN = 57 mV
70
80
dB
Muting control voltage
VMUTE
VIN = 57 mV, MR ≥ 70 dB
3.0

V
Standby control voltage 'on'
VSTD-ON No input, ICC ≤ 0.1 mA

5.0
V
Standby control voltage 'off'
VSTD-OFF No input, ICC ≥ 17 mA
8.5

V
Channel crosstalk
CT
VIN = 57 mV, Rg = 10 kΩ
50
60
dB
Note) *1 : For this measurement, use the 20 Hz to 20 kHz (12 dB/OCT) filter.


Similar Part No. - AN5276

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5270 PANASONIC-AN5270 Datasheet
82Kb / 9P
   4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5273 PANASONIC-AN5273 Datasheet
69Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5274 PANASONIC-AN5274 Datasheet
73Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5275 PANASONIC-AN5275 Datasheet
27Kb / 2P
   15W X 2Ch. Low Frequency Power Amplifier Circuit for TV
More results

Similar Description - AN5276

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Panasonic Semiconductor
AN5273 PANASONIC-AN5273 Datasheet
69Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5274 PANASONIC-AN5274 Datasheet
73Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
Panasonic Semiconductor
AN5278 PANASONIC-AN5278 Datasheet
77Kb / 9P
   4.8 W X 1 (18 V, 8 ohm) Power Amplifier with Volume and Tone Control
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com