Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P521230C Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # P521230C
Description  Low Phase Noise PECL VCXO (100MHz to 200MHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P521230C Datasheet(HTML) 5 Page - PhaseLink Corporation

  P521230C Datasheet HTML 1Page - PhaseLink Corporation P521230C Datasheet HTML 2Page - PhaseLink Corporation P521230C Datasheet HTML 3Page - PhaseLink Corporation P521230C Datasheet HTML 4Page - PhaseLink Corporation P521230C Datasheet HTML 5Page - PhaseLink Corporation P521230C Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P521-23
Low Phase Noise PECL VCXO (100MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 [www.phaselink.com]
Rev 7/28/04 Page 6
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems
without the express written approval of the President of PhaseLink Corporation.
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
P521-23
D C
Order Number
Marking
Package Option
P521-23DC
P521-23DC
Die – Waffle Pack
P521-23OC-R
P521-23 OC
TSSOP – Tape and Reel
P521-23OC
P521-23 OC
TSSOP – Tube
PART NUMBER
TEMPERATURE
C=COMMERCIAL
C
L
A
16 PIN Narrow SOIC, TSSOP ( mm )
SOIC
TSSOP
Symbol
Min.
Max.
Min.
Max.
A
1.35
1.75
-
1.20
A1
0.10
0.25
0.05
0.15
B
0.33
0.51
0.19
0.30
C
0.19
0.25
0.09
0.20
D
9.80
10.00
4.90
5.10
E
3.80
4.00
4.30
4.50
H
5.80
6.20
6.40 BSC
L
0.40
1.27
0.45
0.75
e
1.27 BSC
0.65 BSC
E
H
D
A1
e
B
PACKAGE TYPE
D=Die
O=TSSOP


Similar Part No. - P521230C

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-23DC PLL-P521-23DC Datasheet
198Kb / 7P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-28DC PLL-P521-28DC Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (100MHz to 200MHz)
P521-29DC PLL-P521-29DC Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (100MHz to 200MHz)
More results

Similar Description - P521230C

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (100MHz to 200MHz)
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
logo
PhaseLink Corporation
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
logo
PhaseLink Corporation
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com