Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL611-20 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL611-20
Description  Programmable Quick Turn Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-20 Datasheet(HTML) 6 Page - PhaseLink Corporation

  PL611-20 Datasheet HTML 1Page - PhaseLink Corporation PL611-20 Datasheet HTML 2Page - PhaseLink Corporation PL611-20 Datasheet HTML 3Page - PhaseLink Corporation PL611-20 Datasheet HTML 4Page - PhaseLink Corporation PL611-20 Datasheet HTML 5Page - PhaseLink Corporation PL611-20 Datasheet HTML 6Page - PhaseLink Corporation PL611-20 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PL611-20
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 6
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
MSOP 8L
SOP 8L
SOT-23 6 L
Dimension in MM
Symbol
Min.
Max.
A
---
1.10
A1
0.05
0.15
A2
0.81
0.91
B
0.25
0.40
C
0.13
0.23
D
2.90
3.10
E
2.90
3.10
H
4.90 BSC
L
0.445
0.648
e
0.65 BSC
Dimension in MM
Symbol
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.33
0.53
C
0.19
0.27
D
4.80
5.00
E
3.80
4.00
H
5.80
6.20
L
0.40
0.89
e
1.27 BSC
Dimension in MM
Symbol
Min.
Max.
A
1.05
1.35
A1
0.05
0.15
A2
1.00
1.20
B
0.30
0.50
C
0.08
0.20
D
2.80
3.00
E
1.50
1.70
H
2.60
3.0
L
0.35
0.55
e
0.95 BSC
C
L
A2
E
H
D
A1
e
b
A
C
L
A2
E
H
D
A1
e
b
A
C
L
A2
E
H
D
A1
e
b
A


Similar Part No. - PL611-20

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611-23XXXDC PLL-PL611-23XXXDC Datasheet
216Kb / 6P
   Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PL611-23XXXDI PLL-PL611-23XXXDI Datasheet
216Kb / 6P
   Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
   Programmable Quick Turn Clock
PL611-25XXXWC PLL-PL611-25XXXWC Datasheet
234Kb / 5P
   Programmable Quick Turn Clock
PL611-25XXXWI PLL-PL611-25XXXWI Datasheet
234Kb / 5P
   Programmable Quick Turn Clock
More results

Similar Description - PL611-20

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
   Programmable Quick Turn Clock
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
   Programmable Quick Turn Clock
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
   Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
   Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
   Programmable Quick Turn Clock
logo
Integrated Circuit Syst...
ICS300 ICST-ICS300 Datasheet
64Kb / 4P
   QTClock??Quick Turn Clock Synthesizer
logo
PhaseLink Corporation
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
   Low-Power Programmable Quick Turn ClockTM
PL611S-06 PLL-PL611S-06 Datasheet
209Kb / 8P
   Low-Power Programmable Quick Turn ClockTM
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
   Termination Quick-Turn
logo
Leshan Radio Company
LR432A LRC-LR432A Datasheet
2Mb / 4P
   LINEAR INTEGRATED CIRCUIT Quick Turn-on
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com