Electronic Components Datasheet Search |
|
AFL503R3DY-ES Datasheet(PDF) 11 Page - International Rectifier |
|
AFL503R3DY-ES Datasheet(HTML) 11 Page - International Rectifier |
11 / 11 page www.irf.com 11 AFL50XXS Series Pin No. Designation 1 Positive Input 2 Input Return 3 Case 4 Enable 1 5 Sync Output 6 Sync Input 7 Positive Output 8 Output Return 9 Return Sense 10 Positive Sense 11 Share 12 Enable 2 AFL50XXS Pin Designation Part Numbering WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 07/02 Available Screening Levels and Process Variations for AFL50XXS Series. * per Commercial Standards AFL 50 05 S X / CH Mode Input 28= 28 V, 50= 50 V 120=120 V, 270= 270 V Output 3R3= 3.3 V, 05= 5 V 08= 8 V, 09= 9 V 12= 12 V, 15= 15 V 24= 24 V, 28= 28 V Output S = Single D = Dual Case W , X, Y, Z Screenin – , ES HB, CH Requirement MIL-STD-883 Method No Suffix ES Suffix HB Suffix CH Suffix Temperature Range -20°C to +85°C -55°C to +125°C -55°C to +125°C -55°C to +125°C Element Evaluation MIL-PRF-38534 Internal Visual 2017 ¬ Yes Yes Yes Temperature Cycle 1010 Cond B Cond C Cond C Constant Acceleration 2001, 500g Cond A Cond A Burn-in 1015 48hrs @ 85°C 48hrs @ 125°C 160hrs @ 125°C 160hrs @ 125°C Final Electrical (Group A) MIL-PRF-38534 25°C 25°C -55, +25, +125°C -55, +25, +125°C Seal, Fine & Gross 1014 ¬ Cond A, C Cond A, C Cond A, C External Visual 2009 ¬ Yes Yes Yes |
Similar Part No. - AFL503R3DY-ES |
|
Similar Description - AFL503R3DY-ES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |